Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGS50 Datasheet(PDF) 8 Page - Pepperl+Fuchs Inc.

Part # LGS50
Description  Light grid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LGS50 Datasheet(HTML) 8 Page - Pepperl+Fuchs Inc.

  LGS50 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 3Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 4Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 5Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 6Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 7Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 8Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 9Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
LGS50
8
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Light grid
Function displays
Behind the optics cover on the connection side of the profiles there is a green Power ON operating indicator LED and a yellow
status display LED.
Transmitter
Receiver
Resolution and beam clearance
The mechanical beam clearance determines the smallest detectable object size. Crossing the light beams increases the
resolution of the light grid.
The devices are delivered without programmed height checking. The beam is crossed three times.
Resolution of the crossed beam arrangement
If three-way crossing of the beams is programmed, the resolution increases. For a three-way crossing,
this means that the increased resolution is offered after 25 % of the transmitter range or receiver range.
It must therefore be ensured that all objects pass transmitters or receivers with this clearance.
Function
Diagnostic description
Green operating indicator LED lights up statically
Power on
Green operating indicator LED is dark and yellow status indicator
flashes
Power save mode
Yellow status indicator LED is dark
Transmitter with low transmitting power
Yellow status indicator LED lights up statically
Transmitter with high transmitting power
Yellow status indicator LED flashes quickly (approx. 8 Hz)
Error condition
Yellow status indicator LED light changes for short time
Test input is activated
Function
Diagnostic description
Green operating indicator LED lights up statically
Power on
Green operating indicator LED is dark
Power save mode
Green operating indicator LED flashes with brief interruption
IO-Link mode active, parameterisation only possible via IO-Link
Green operating indicator LED flashes (4 Hz)
Error condition: Short circuit at the outputs
Yellow status indicator LED lights up statically
Detection field interrupted
Yellow status indicator LED is dark
Detection field is enabled.
Yellow status indicator LED flashes (approx. 4 Hz)
Insufficient function reserve
Yellow status indicator LED flashes quickly (approx. 8 Hz)
Error condition: Incorrect signal measurement
Type Code
Distance from emitter scaled
to emitter/receiver distance
Object height scaled to emitter distance
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com