Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LGS50 Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # LGS50
Description  Light grid
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LGS50 Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  LGS50 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 3Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 4Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 5Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 6Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 7Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 8Page - Pepperl+Fuchs Inc. LGS50 Datasheet HTML 9Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Dimensions
Transmitter
Detection field + 159
Receiver
Detection field
5
21.2
137.8
20
Technical Data
General specifications
Effective detection range
Standard : 0.3 ... 6 m
Option /35: 0.5 ... 8 m
Threshold detection range
Standard : 7.5 m
Option /35: 10 m
Light source
IRED
Light type
modulated infrared light , 850 nm
Field height
see Table 1, max. 3000 mm
Beam crossover
Factory setting: three beam crossing, deactivateable
Beam blanking
adjustable max. 2 fixed suppressible beam areas (blanking)
Beam spacing
50 mm
Number of beams
see Table 1, max. 61
Operating mode
Emitter: Emitter power adjustable in two ranges
Optical resolution
without beam crossover: 50 mm
with beam crossover: 25 mm with in 25% and 75% of the range
Angle of divergence
10 °
Ambient light limit
> 50000 Lux (if external light source is outside the opening angle)
Functional safety related parameters
MTTFd
56 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
60 %
Indicators/operating means
Operation indicator
Power on: LED green, statically lit , Undervoltage indicator: Green LED, pulsing
(approx. 0.8 Hz) , short-circuit : LED green flashing (approx. 4 Hz)
Light grid
LGS50
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com