Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPHLS-01 Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # MPHLS-01
Description  Remote I/O MP Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MPHLS-01 Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  MPHLS-01 Datasheet HTML 1Page - M-System Co.,Ltd. MPHLS-01 Datasheet HTML 2Page - M-System Co.,Ltd. MPHLS-01 Datasheet HTML 3Page - M-System Co.,Ltd. MPHLS-01 Datasheet HTML 4Page - M-System Co.,Ltd. MPHLS-01 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: MPHLS
MPHLS SPECIFICATIONS
ES-4391 Rev.3 Page 3/5
https://www.m-system.co.jp/
MPHLS
SLAVE UNIT
SLAVE UNIT
Terminator
Terminator
MPHLS
SLAVE UNIT
SLAVE UNIT
Terminator
Set the terminator on the last terminal of slave unit.
This HLS master module includes internal termiator.
Terminator
Full-duplex communication
Half-duplex communication
■ SLAVE UNIT WIRING
1 NC
2 NC
3 RXD+
4 RXD–
5 TXD+
TXD+
TXD–
RXD+
RXD–
FG (SLD)
TXD+
TXD–
RXD+
RXD–
FG (SLD)
6 TXD–
7 NC
8 SLD
1 NC
2 NC
3 TR+
4 TR–
5 NC
TR+
TR–
FG (SLD)
TR+
TR–
FG (SLD)
6 NC
7 NC
8 SLD
EXTERNAL DIMENSIONS unit: mm [inch]
19.3 [.76]
35[1.38]
99 [3.90]
*1
*Recommended cable connector: TM21P-88P (Hirose Electric)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com