Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPHLS-01 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MPHLS-01
Description  Remote I/O MP Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MPHLS-01 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MPHLS-01 Datasheet HTML 1Page - M-System Co.,Ltd. MPHLS-01 Datasheet HTML 2Page - M-System Co.,Ltd. MPHLS-01 Datasheet HTML 3Page - M-System Co.,Ltd. MPHLS-01 Datasheet HTML 4Page - M-System Co.,Ltd. MPHLS-01 Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: MPHLS
MPHLS SPECIFICATIONS
ES-4391 Rev.3 Page 1/5
https://www.m-system.co.jp/
Remote I/O MP Series
HLS MASTER MODULE
(For MP2200/MP2300/MP3300 series use)
MODEL: MPHLS-01
ORDERING INFORMATION
• Code number: MPHLS-01
I/O TYPE
01: HLS function module 1
FUNCTIONS & FEATURES
HLS Master Module is optional module for
MP2200/MP2300/MP3300 series machine controllers made
by YASKAWA Electric Corp. operating as master unit to
connect analog I/O and discrete I/O with HLS(Hi-speed Link
System).
HLS is the abbreviation for “Hi-speed Link System” of Step
Technica Co., Ltd.
RELATED PRODUCTS
• MP2200/MP2300 series machine controller (YASKAWA
Electric Corp.) Ver.2.84 or later
Software for programming device: MPE720
Ver.6.36 or later OR Ver.7.22 or later
• MP3300 series machine controller (YASKAWA Electric
Corp.) Ver.1.12 or later
Software for programming device: MPE720
Ver.7.28 or later
GENERAL SPECIFICATIONS
Terminating resistor: Built-in 100Ω
Current Consumption (at 5 V DC): 160 mA
HLS COMMUNICATION
Communication mode*: Full-duplex or half-duplex
Transmission distance*: 12 Mbps: 100 meters (328 ft)
6 Mbps: 200 meters (656 ft)
3 Mbps: 300 meters (984 ft)
Number of slaves*: 1 - 63
Hop count*: 0 - 7 hop
* Configured with MPE720. Refer to the instruction manual
for details.
Network cable
shield cable:
ZHY262PS and ZHT262PS (Shinko Seisen Industry Co., Ltd.)
Dual-shield cable:
ZHY262PBA (Shinko Seisen Industry Co., Ltd.)
Status indicator: RUN, CHK1, CHK2
(Refer to the instruction manual for details.)
INSTALLATION
Operating temperature: 0 to 55°C (32 to 131°F)
Storage temperature: -25 to +85°C (-13 to 185°F)
Operating humidity: 30 to 95 %RH (non-condensing)
Storage humidity: 5 to 95 % RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: MP2200/MP2300/MP3300 Series
Weight: 70 g (2.5 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @1 minute
(Internal circuit to HLS)
STANDARDS & APPROVALS
Refer to the manuals to comply with the standards.
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive


Similar Part No. - MPHLS-01

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPH RUBYCON-MPH Datasheet
58Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MPH VISHAY-MPH Datasheet
106Kb / 3P
Hermetic, 50 Mil Pitch, Leadless Chip Resistor Network
05-May-08
logo
RUBYCON CORPORATION
MPH RUBYCON-MPH Datasheet
219Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MPH VISHAY-MPH Datasheet
93Kb / 3P
Hermetic, 50 mil Pitch, Leadless Thin Film Chip Resistor, Surface Mount Network
20-Oct-11
logo
Adam Technologies, Inc.
MPH-A-XX-SMT-T ADAM-TECH-MPH-A-XX-SMT-T Datasheet
99Kb / 1P
909 Rahway Avenue
More results

Similar Description - MPHLS-01

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
FAMCL-01 MSYSTEM-FAMCL-01 Datasheet
155Kb / 3P
Remote I/O FAM Series
R5-TCTA MSYSTEM-R5-TCTA Datasheet
115Kb / 3P
Remote I/O R5 Series
R5-TCT MSYSTEM-R5-TCT Datasheet
104Kb / 3P
Remote I/O R5 Series
R5-RSA MSYSTEM-R5-RSA Datasheet
123Kb / 3P
Remote I/O R5 Series
R5-RS MSYSTEM-R5-RS Datasheet
126Kb / 3P
Remote I/O R5 Series
R5-PA2 MSYSTEM-R5-PA2 Datasheet
114Kb / 3P
Remote I/O R5 Series
R5-YV MSYSTEM-R5-YV Datasheet
112Kb / 3P
Remote I/O R5 Series
R5-TSV MSYSTEM-R5-TSV Datasheet
109Kb / 3P
Remote I/O R5 Series
R5-TS1A MSYSTEM-R5-TS1A Datasheet
126Kb / 4P
Remote I/O R5 Series
R3-DC64C MSYSTEM-R3-DC64C Datasheet
148Kb / 6P
Remote I/O R3 Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com