Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAJ Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MMAJ
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MMAJ Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MMAJ Datasheet HTML 1Page - M-System Co.,Ltd. MMAJ Datasheet HTML 2Page - M-System Co.,Ltd. MMAJ Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MMAJ
MMAJ SPECIFICATIONS
ES-8155 Rev.3 Page 1/3
http://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR POWER SUPPLY USE
(fast response: 3 nsec.)
Functions & Features
• Designed to protect equipment from induced
lightning surges entering through power supply cables
• High discharge current capacity type with a
maximum of 20 kA is available.
• Degraded head element is automatically separated from
the power lines by the incorporated thermal breaker, and
the LED lamp (turns off) and the relay contact alert the
failure status.
• Conforms to IEC 61643-1 Class II, III
U
V
u
v
PE
Monitor
ALM
A2
A1
C
Surge
Side
Protect
Side
mm (inch)
139
(5.47)
80
(3.15)
88
(3.46)
MODEL: MMAJ-[1][2][3][4]
ORDERING INFORMATION
• Code number: MMAJ-[1][2][3][4]
Specify a code from below for each [1] through [4].
(e.g. MMAJ-10020MA)
[1] OPERATIONAL VOLTAGE
100: 100 V / 110 V / 120 V AC
200: 200 V / 220 V / 240 V AC
[2] LOAD CURRENT
10: 10 A
20: 20 A
30: 30 A
[3] MAXIMUM DISCHARGE CURRENT
L: 10 kA
M: 20 kA
[4] ALARM OUTPUT
A: With
Y: Without
GENERAL SPECIFICATIONS
Construction: Wall-mounted, front terminals; terminal cover
provided
Surge protection type: Surge energy limiting type two-port
SPD
Connection
Line: M4 screw terminal (torque: 1.2 N·m)
Alarm output: Tension clamp
Applicable wire size: 0.33 to 1.5 mm2
(6 to 7 mm2 exposed)
Screw terminal: Nickel-plated steel
Housing material: Steel plate t = 1.2 (black)
Alarm output: SPDT relay contact trips when the thermal
breaker operates.
•Normal
Output terminal A1 – C: Open
Output terminal A2 – C: Close
•Thermal breaker operating or power off
Output terminal A1 – C: Close
Output terminal A2 – C: Open
Rated load:
250 V AC @1 A (cos ø = 1)
24 V DC @1 A (resistive load)
Maximum switching voltage: 250 V AC or 24 V DC
Maximum switching power: 250 VA or 24 W
Minimum load: 5 V DC @ 20 mA
Safety function: Thermal breaker incorporated
Monitor LED: Green LED; ON in normal conditions OFF in
failure conditions (power off or thermal breaker operating)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 1.6 kg (3.5 lb)


Similar Part No. - MMAJ

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
MMA TELEDYNE-MMA Datasheet
474Kb / 5P
Controlled with USB or Ethernet
logo
M-System Co.,Ltd.
MMA MSYSTEM-MMA Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Sensata Technologies, I...
MMA SENSATA-MMA Datasheet
158Kb / 3P
INVERTER/CHARGER
Rev: 07/20/19
logo
Vishay Siliconix
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
More results

Similar Description - MMAJ

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com