Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAJ Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MMAJ
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MMAJ Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MMAJ Datasheet HTML 1Page - M-System Co.,Ltd. MMAJ Datasheet HTML 2Page - M-System Co.,Ltd. MMAJ Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MMAJ
MMAJ SPECIFICATIONS
ES-8155 Rev.3 Page 2/3
http://www.m-system.co.jp/
PERFORMANCE
Surge protection: IEC 61643-1 Class II, III
MMAJ-100xxx
MMAJ-200xxx
Max. Continuous Operating Voltage (Uc)
132V AC
264V AC
Operational Volatge Range *1
85 – 132V AC
170 – 264V AC
Discharge Voltage (Vmin)
Line to line: 190V
Line to earth: 300V
Line to line: 380V
Line to earth: 450V
Voltage Protection Level (Up)
900V
1500V
Leakage Current @ Uc
Line to line: Without Alarm 6mA, With Alarm 20mA
Line to earth:
Nominal Discharge Current (In)
MMAJ-xxL: 5kA
MMAJ-xxM: 10kA
Max. Load Current *2
MMAJ-x10: 10A
MMAJ-x20: 20A
MMAJ-x30: 30A
Voltage Drop
≤1V
Surge Energy Attenuation Ratio @8/20 µs
(Line to earth)
MMAJ-10010: -56 dB
MMAJ-10020: -56 dB
MMAJ-10030: -40 dB
MMAJ-20010: -53 dB
MMAJ-20020: -53 dB
MMAJ-20030: -40 dB
Response Time (Line to line)
3 nsec.
Insulation Resistance
≥100MΩ with 500V DC (line to alarm output to housing)
Dielectric Strength
2000V AC @1 minute (line to alarm output to housing)
*1. MMAJ is operational as an SPD despite the voltage less than the minimum. However, the functions of the monitor LED
and the alarm output are not guaranteed.
*2. Refer to Derating Curve
■ DERATING CURVE
100
50
0
-5
0
20
40
60
55
20A
30A
10A
Ambient Air Temperature (°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com