Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAH Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MMAH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MMAH Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MMAH Datasheet HTML 1Page - M-System Co.,Ltd. MMAH Datasheet HTML 2Page - M-System Co.,Ltd. MMAH Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MMAH
http://www.m-system.co.jp/
MMAH SPECIFICATIONS
ES-8184 Rev.1 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR POWER SUPPLY USE
(10 A; high speed/high discharge current capacity)
Functions & Features
• Designed specifically for AC power supplies up to 10 A
• Discharge current capacity 20000 A
• Absorbing surges only without affecting instrumentation
signal
• Indicator LED turns off with surge absorber anomaly
• Fuse provided for preventing ignition caused by failure of
surge absorber
Typical Applications
• High discharge current capacity is beneficial for use in
area with frequent lightnings
U
V
G
85
(3.35)
110
(4.33)
70
(2.76)
mm (inch)
MODEL: MMAH–[1]
ORDERING INFORMATION
• Code number: MMAH-[1]
Specify a code from below for [1]
(e.g. MMAH-100)
[1] OPERATIONAL VOLTAGE
100: 100 V / 110 V / 120 V AC, 10 A
200: 200 V / 220 V / 240 V AC, 10 A
RELATED PRODUCTS
•Lightning arrester for standard signal line (model: MMDH-
24)
GENERAL SPECIFICATIONS
Construction: Wall-mounted, front terminals; terminal cover
provided
Connection: M4 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Housing material: Steel plate t = 1.6 (black)
Fuse: Protecting voltage limiting element
Alarm indicator: Green LED turns off when the fuse is blown.
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface
Weight: 640 g (1.41 lbs)
PERFORMANCE
Discharge voltage (peak voltage)
Line to line:
190 V min. (MMAH-100)
410 V min. (MMAH-200)
Line to ground: 680 V min.
Maximum surge voltage
Line to line:
400 V max. (MMAH-100)
750 V max. (MMAH-200)
Line to ground: 800 V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: 4 nsec.
Leakage current
Line to line:
≤ 4 mA at 150 V DC (MMAH-100)
≤ 4 mA at 300 V DC (MMAH-200)
Line to ground: ≤ 0.1 mA at 300 V DC
Discharge current capacity: 20000 A (8 / 20 μsec.)
Maximum load current: 10 A
Internal series resistance: ≤ 0.5 Ω including return


Similar Part No. - MMAH

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
MMA TELEDYNE-MMA Datasheet
474Kb / 5P
Controlled with USB or Ethernet
logo
M-System Co.,Ltd.
MMA MSYSTEM-MMA Datasheet
106Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
logo
Sensata Technologies, I...
MMA SENSATA-MMA Datasheet
158Kb / 3P
INVERTER/CHARGER
Rev: 07/20/19
logo
Vishay Siliconix
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
MMA-0204 VISHAY-MMA-0204 Datasheet
235Kb / 13P
Professional MELF Resistors
05-Mar-12
More results

Similar Description - MMAH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com