Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMAH Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MMAH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MMAH Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MMAH Datasheet HTML 1Page - M-System Co.,Ltd. MMAH Datasheet HTML 2Page - M-System Co.,Ltd. MMAH Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: MMAH
http://www.m-system.co.jp/
MMAH SPECIFICATIONS
ES-8184 Rev.1 Page 2/3
CONNECTION EXAMPLES
MMDH-24
S2
S1
P2
P1
–
+
4 – 20mA
DC
MMAH-100
MMAH-200
BREAKER
Be sure to
install
the breaker.
V
U
v
u
AC
Source
V
U
G
G
G
EQUIP-
MENT
GROUNDING
M-RESTER
PROTECTED
EQUIPMENT
G
G
CROSSOVER WIRE
GROUNDING
(100 ohms or less)
A crossover wire between M-RESTER ground and ground or metallic
housing of equipment is required for protection.
If the protected equipment has no ground terminal, ground the
M-RESTER only.
DIMENSIONS unit: mm (inch)
110 (4.33)
20 (.79)
65 (2.56)
77 (3.03)
85 (3.35)
U
V
G
u
v
4–4 (.16) dia.
SURGE
SIDE
PROTECT
SIDE
ALM
MOUNTING REQUIREMENTS unit: mm (inch)
77 (3.03)
90 (3.54) min.
77 (3.03)
4–M3
SCREW



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com