Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962M Datasheet(PDF) 9 Page - STMicroelectronics

Part # TS4962M
Description  3W Filter - free Class D Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TS4962M Datasheet HTML 5Page - STMicroelectronics TS4962M Datasheet HTML 6Page - STMicroelectronics TS4962M Datasheet HTML 7Page - STMicroelectronics TS4962M Datasheet HTML 8Page - STMicroelectronics TS4962M Datasheet HTML 9Page - STMicroelectronics TS4962M Datasheet HTML 10Page - STMicroelectronics TS4962M Datasheet HTML 11Page - STMicroelectronics TS4962M Datasheet HTML 12Page - STMicroelectronics TS4962M Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TS4962M
Electrical Characteristics
9/32
Table 9.
VCC = +2.4V, GND = 0V, VIC =2.5V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
1.7
mA
ISTBY
Standby Current (1)
No input signal, VSTBY = GND
10
nA
VOO
Output Offset Voltage No input signal, RL =8Ω
3mV
Pout
Output Power
G=6dB
THD = 1% Max, F = 1kHz, RL =4Ω
THD = 10% Max, F = 1kHz, RL =4Ω
THD = 1% Max, F = 1kHz, RL =8Ω
THD = 10% Max, F = 1kHz, RL =8Ω
0.48
0.65
0.3
0.38
W
THD + N
Total Harmonic
Distortion + Noise
Pout = 200mWRMS, G = 6dB, 20Hz < F< 20kHz
RL =8Ω + 15µH, BW < 30kHz
1
%
Efficiency Efficiency
Pout =0.38WRMS, RL =4Ω + ≥ 15µH
Pout =0.25WRMS, RL =8Ω+ ≥ 15µH
77
86
%
CMRR
Common Mode
Rejection Ratio
F = 217Hz, RL =8Ω, G = 6dB,
∆Vicm = 200mVpp
54
dB
Gain
Gain Value
Rin in kΩ
V/V
RSTBY
Internal Resistance
from Standby to GND
273
300
327
k
FPWM
Pulse Width Modulator
Base Frequency
250
kHz
SNR
Signal to Noise Ratio
A Weighting, Pout = 1.2W, RL =8Ω
80
dB
tWU
Wake-upTime
5
ms
tSTBY
Standby Time
5
ms
VN
Output Voltage Noise
F = 20Hz to 20kHz, G = 6dB
Unweighted RL =4Ω
A weighted RL =4Ω
85
60
µVRMS
Unweighted RL =8Ω
A weighted RL =8Ω
86
62
Unweighted RL =4Ω + 15µH
A weighted RL =4Ω + 15µH
76
56
Unweighted RL =4Ω + 30µH
A weighted RL =4Ω + 30µH
82
60
Unweighted RL =8Ω + 30µH
A weighted RL =8Ω + 30µH
67
53
Unweighted RL =4Ω + Filter
A weighted RL =4Ω + Filter
78
57
Unweighted RL =4Ω + Filter
A weighted RL =4Ω + Filter
74
54
1.
Standby mode is active when VSTBY is tied to GND.
273k
R
in
------------------
300k
R
in
------------------
327k
R
in
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com