Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962M Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4962M
Description  3W Filter - free Class D Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4962M Datasheet HTML 21Page - STMicroelectronics TS4962M Datasheet HTML 22Page - STMicroelectronics TS4962M Datasheet HTML 23Page - STMicroelectronics TS4962M Datasheet HTML 24Page - STMicroelectronics TS4962M Datasheet HTML 25Page - STMicroelectronics TS4962M Datasheet HTML 26Page - STMicroelectronics TS4962M Datasheet HTML 27Page - STMicroelectronics TS4962M Datasheet HTML 28Page - STMicroelectronics TS4962M Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
TS4962M
Application Information
25/32
We have following equations:
In general, for mixed situations (single-ended and differential inputs) we must use the same
rule: equalize impedance on both TS4962M inputs.
5.10
Output filter considerations
The TS4962M is designed to operate without an output filter. However, due to very sharp
transients on TS4962M output, EMI radiated emissions may cause some standard compliance
issues.
These EMI standard compliance issues can appear if the distance between the TS4962M
outputs and loudspeaker terminal are long (typically more than 50mm, or 100mm in both
directions, to the speaker terminals). As each PCB layout and internal equipment device are
different for each configuration, it is difficult to provide a one-size-fits-all solution.
However, to decrease the probability of EMI issues, there are several simple rules to follow:
●
Reduce, as much as possible, the distance between the TS4962M output pins and the
speaker terminals.
●
Uses ground plane for “shielding” sensitive wire.
●
Place, as close as possible to the TS4962M and in series with each output, a ferrite bead
with a rated current at minimum 2A and impedance greater than 50
Ω at frequencies
>30MHz. If, after testing, these ferrite beads are not necessary, replace them by a short-
circuit. Murata BLM18EG221SN1 or BLM18EG121SN1 are possible examples.
●
Allow a footprint to place, if necessary, a capacitor to short perturbations to ground (see
following schematic).
In the case where distance between TS4962M's output and speaker terminals is high, it's
possible to have low frequency EMI issues due to the fact that the typical operating frequency is
250kHz.
In this configuration, utilization of the output filter represented in page 3 and close of the
TS4962M is necessary.
Out
+
Out
-
–
V
e1
300
R
in1
-------------
×… V
ek
300
R
ink
-------------
×
(V)
++
=
C
eq
k
Σ
j1
=
C
inj
=
C
inj
1
2
π R
inj
F
×
×
×
CLj
----------------------------------------------------
(F)
=
R
eq
1
1
R
inj
----------
j1
=
k
∑
-------------------
=
Ferrite chip bead
about 100pF
Gnd
From TS4962 output
To speaker



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com