Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCJ5 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VCJ5
Description  14.0 x 8.9 x 4.5 mm 6 pin J - lead Ceramic SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCJ5 Datasheet(HTML) 1 Page - Vectron International, Inc

  VCJ5 Datasheet HTML 1Page - Vectron International, Inc VCJ5 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
îêé
Ô±©»´´ α¿¼
Ø«¼-±²ô ÒØ ðíðëï ËÍß
Ì»´æ êðíóëçèóððéð
Ú¿¨æ êðíóëéèóíðéï
¸¬¬°æññ©©©òª»½¬®±²ò½±³
VCJ5
Package:
14.0 x 8.9 x 4.5 mm 6 pin J-lead Ceramic SMD
Frequency Range:
19.44 to 212.5 MHz
Supply Voltage:
Q = 3.3 Vdc ± 5 % PECL
Electrical Option:
A = Complimentary Output, Enable/Disable (Pin2),
55/45 Symmetry
B = Complimentary Output, Enable/Disable (Pin2),
60/40 Symmetry
C = Complimentary Output, Enable/Disable (Pin1),
55/45 Symmetry
D = Complimentary Output, Enable/Disable (Pin1),
60/40 Symmetry
Stability:
A = ± 100 ppm 0°C to +70°C
B = ± 50 ppm 0°C to +70°C
C = ± 100 ppm -40°C to +85°C
D = ± 50 ppm -40°C to +85°C
E = ± 25 ppm 0°C to +70°C
Output Level “1”:
Vcc – 1.025 V minimum
“0”:
Vcc – 1.620 V maximum
Rise/ Fall Time:
2 nsec max. (20 % to 80 % of waveform)
Jitter:
6 psec RMS max., full bandwidth
1 psec RMS max., (12 KHz – 20 MHz)
Load:
50 ohms into Vcc – 2V
Current:
65 mA max.
STD Package:
Tape & Reel (200 pc)
Typical P/N:
VCJ5-QAB-156M25
J5 = 14.0 x 8.9 x 4.5 mm 6 pin J-lead Ceramic SMD
Q = 3.3 Vdc ± 5 % PECL
A = Complimentary Output, Enable/Disable (Pin2),
55/45 Symmetry
B = ± 50 ppm 0°C to +70°C
1


Similar Part No. - VCJ5

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCJ5 VECTRON-VCJ5 Datasheet
224Kb / 7P
3.3V or 2.5V Operation
VCJ5 VECTRON-VCJ5_09 Datasheet
224Kb / 7P
3.3V or 2.5V Operation
More results

Similar Description - VCJ5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCD6 ETC1-VCD6 Datasheet
233Kb / 2P
14.4 x 9.8 x 6.0 mm 6 pin SMD
logo
Abracon Corporation
AWSZT-CR ABRACON-AWSZT-CR Datasheet
1Mb / 2P
4.5 x 2.0 x 1.2 mm SMD CERAMIC RESONATOR
09.18.08
logo
Wurth Elektronik GmbH &...
430773051825 WURTH-430773051825 Datasheet
363Kb / 5P
6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
430783034816 WURTH-430783034816 Datasheet
363Kb / 5P
6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
430783051816 WURTH-430783051816 Datasheet
363Kb / 5P
6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
430773034825 WURTH-430773034825 Datasheet
362Kb / 5P
6 x 6 mm J-Hook SMD Hermetic Tact Switch WS-TASV
logo
HK TO-GRACE TECHNOLOGY ...
APD2520EC03 TO-GRACE-APD2520EC03 Datasheet
813Kb / 4P
4.5 x 2 mm SMD Chip LED Lamp
APD2520SURCK03 TO-GRACE-APD2520SURCK03 Datasheet
822Kb / 4P
4.5 x 2 mm SMD Chip LED Lamp
logo
Transko Electronics, In...
CS84 TRANSKO-CS84 Datasheet
220Kb / 1P
CERAMIC SMD CRYSTAL (8.0 x 4.5 x 1.5mm)
Rev. 4: 10-10-19
4ZTTCR TRANSKO-4ZTTCR Datasheet
389Kb / 1P
CERAMIC RESONATORS (4.5 X 2.0 X 1.2 mm)
Rev. 1: Jul. 2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com