Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774IFV Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8774IFV
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774IFV Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8774IFV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Product Preview
WM8774
PP Rev 1.0 June 2002
21
ADC OVERSAMPLING RATE SELECT
For ADC operation at 96kHz, it is recommended that the user set the ADCOSR bit. This changes the
ADC signal processing oversample rate to 64fs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10111
ADC Oversampling Rate
3
ADCOSR
0
ADC oversampling rate select
0: 128x oversampling
1: 64x oversampling
MUTE MODES
Setting DMUTE will apply a ‘soft’ mute to the input of the DAC digital filters.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10100
DAC Mute
0
DMUTE
0
DAC Soft Mute select
0 : Normal Operation
1: Soft mute enabled
Figure 17 Application and Release of Soft Mute
Figure 17 shows the application and release of DMUTE whilst a full amplitude sinusoid is being
played at 48kHz sampling rate. When DMUTE (lower trace) is asserted, the output (upper trace)
begins to decay exponentially from the DC level of the last input sample. The output will decay
towards VMID with a time constant of approximately 64 input samples. If DMUTE is applied for 1024
or more input samples, the DAC will be muted if IZD is set. When DMUTE is de-asserted, the output
will restart immediately from the current input sample.
Note that all other means of muting the DAC channels: setting the PL[3:0] bits to 0, setting the
PDWN bit or setting attenuation to 0 will cause much more abrupt muting of the output.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com