Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774IFV Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8774IFV
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774IFV Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8774IFV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8774IFV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
WM8774
24-bit, 192kHz 8-Channel Input Stereo Codec
WOLFSON MICROELECTRONICS LTD
w :: www.wolfsonmicro.com
Product Preview, June 2002, Rev 1.0
Copyright
2002 Wolfson Microelectronics Ltd.
DESCRIPTION
The WM8774 is a high performance, stereo audio codec
with an 8 channel input selector. The WM8774 is ideal for
surround sound processing applications for home hi-fi,
automotive and other audio visual equipment.
A stereo 24-bit multi-bit sigma delta ADC is used with an
eight stereo channel input selector. Each channel has
analogue domain mute and programmable gain control.
Digital audio output word lengths from 16-32 bits and
sampling rates from 8kHz to 96kHz are supported.
A stereo 24-bit multi-bit sigma delta DAC is used with
oversampling digital interpolation filters. Digital audio input
word lengths from 16-32 bits and sampling rates from 8kHz
to
192kHz
are
supported.
Each
DAC
channel
has
independent analogue volume and mute control, with a set
of input multiplexors allowing selection of an external
analogue input into these volume controls.
The audio data interface supports I
2S, left justified, right
justified and DSP digital audio formats.
The device is controlled via a 3 wire serial interface. The
interface provides access to all features including channel
selection, volume controls, mutes, de-emphasis and power
management facilities. The device is available in a 64-pin
TQFP package.
FEATURES
•
Audio Performance
−
106dB SNR (‘A’ weighted @ 48kHz) DAC
−
101dB SNR (‘A’ weighted @ 48kHz) ADC
•
DAC Sampling Frequency: 8kHz – 192kHz
•
ADC Sampling Frequency: 8kHz – 96kHz
•
3-Wire SPI Compatible Serial Control Interface
•
Master or Slave Clocking Mode
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified or DSP
−
16/20/24/32 bit Word Lengths
•
Stereo DAC with independent analogue and digital volume
controls
•
Analogue Bypass Path Feature
•
Selectable AUX input to the volume controls
•
Eight stereo ADC inputs with analogue gain adjust from
+19dB to –12dB in 1dB steps
•
2.7V to 5.5V Analogue, 2.7V to 3.6V Digital supply
Operation
•
5V tolerant digital inputs
APPLICATIONS
BLOCK DIAGRAM
•
Surround Sound AV Processors and Hi-Fi systems
•
Automotive Audio
VOUTL
VOUTR
STEREO
ADC
AUDIO INTERFACE
AND
DIGITAL FILTERS
STEREO
DAC
AIN2R
AIN3L
AIN3R
AIN4L
AIN4R
AIN5L
AIN5R
AIN6L
AIN6R
RECL
RECR
AINOPR
AINOPL
CONTROL INTERFACE
AIN2L
AIN1R
AIN1L
AIN7L
AIN7R
AIN8L
AIN8R
WM8774
MUTE
LOW
PASS
FILTERS


Similar Part No. - WM8774IFV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8770SIFT WOLFSON-WM8770SIFT Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8770SIFV WOLFSON-WM8770SIFV Datasheet
564Kb / 52P
24-bit, 192kHz 8-Channel Codec with Volume Control
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8771FT WOLFSON-WM8771FT Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
More results

Similar Description - WM8774IFV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
24 BIT 192KHZ STEREO CODEC
WM8771 WOLFSON-WM8771 Datasheet
339Kb / 44P
24-bit, 192kHz 8-Channel Codec
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
24-bit, 192kHz Stereo CODEC with Volume Control
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8591_051 WOLFSON-WM8591_051 Datasheet
535Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
24-bit, 192kHz Stereo CODEC
logo
Asahi Kasei Microsystem...
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
24-Bit 192kHz Stereo Audio CODEC
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
192kHz 24-Bit Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com