Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3565R Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 35Page - Microchip Technology MCP3565R Datasheet HTML 36Page - Microchip Technology MCP3565R Datasheet HTML 37Page - Microchip Technology MCP3565R Datasheet HTML 38Page - Microchip Technology MCP3565R Datasheet HTML 39Page - Microchip Technology MCP3565R Datasheet HTML 40Page - Microchip Technology MCP3565R Datasheet HTML 41Page - Microchip Technology MCP3565R Datasheet HTML 42Page - Microchip Technology MCP3565R Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 39
MCP3565R
5.2
Input Impedance
The ADC inputs (VIN+/VIN-) are directly tied to the
analog multiplexer outputs and are not routed to exter-
nal pins. The multiplexer input stage contribution to the
input impedance is negligible.
The conversion accuracy can be affected by the input
signal source impedance when any external circuit is
connected to the input pins. The source impedance
adds to the internal impedance and directly affects the
time required to charge the internal sampling capacitor.
Therefore, a large input source impedance connected
to the input pins can increase the system performance
errors, such as offset, gain and Integral Nonlinearity
(INL). Ideally, the input source impedance should be
near zero. This can be achieved by using an opera-
tional amplifier with a closed-loop output impedance of
tens of ohms.
A proper anti-aliasing filter must be placed at the ADC
inputs. This will attenuate the frequency contents
around DMCLK and keep the desired accuracy over
the baseband (DRCLK) of the converter.
This anti-aliasing filter can be a simple first-order RC
network with low time constant, which will provide a
high rejection at the DMCLK frequency (see Figure 5-6
for more details). The RC network usually uses small R
and large C to avoid additional offset due to IR drop in
the signal path. This anti-aliasing filter will induce a
small systematic gain error on the AC input signals that
can be compensated in the digital section with the
Digital Gain Error Calibration register (GAINCAL).
5.3
ADC Programmable Gain
The gain of the converter is programmable and
controlled by the GAIN[2:0] bits in the CONFIG2
register. The ADC programmable gain is divided in two
gain stages: one in the analog domain, one in the digital
domain, as per Table 5-3.
After the multiplexer, the analog input signals are
routed to the Delta-Sigma ADC inputs and are
amplified by the analog gain stage (see
Section 5.3.1
“Analog Gain” for more details). The digital gain stage
is placed inside the digital decimation filter (see
Section 5.3.2 “Digital Gain” for more details).
TABLE 5-3:
DELTA-SIGMA ADC GAIN SETTINGS
GAIN[2:0]
Total Gain
(V/V)
Analog Gain
(V/V)
Digital Gain
(V/V)
Total Gain
(dB)
VIN Range (V)
0
0
0
0.333
0.333
1
-9.5
±Min (AVDD, 3 * VREF)
0
0
1
1
1
1
0
±VREF
0
1
0
2
2
1
6
±VREF/2
0
1
1
4
4
1
12
±VREF/4
1
0
0
8
8
1
18
±VREF/8
1
0
1
16
16
1
24
±VREF/16
1
1
0
32
16
2
30
±VREF/32
1
1
1
64
16
4
36
±VREF/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com