Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3565R Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP3565R
Description  Two-Channel, 153.6 ksps, Low Noise 24-Bit Delta-Sigma ADC with Internal Voltage Reference
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3565R Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP3565R Datasheet HTML 45Page - Microchip Technology MCP3565R Datasheet HTML 46Page - Microchip Technology MCP3565R Datasheet HTML 47Page - Microchip Technology MCP3565R Datasheet HTML 48Page - Microchip Technology MCP3565R Datasheet HTML 49Page - Microchip Technology MCP3565R Datasheet HTML 50Page - Microchip Technology MCP3565R Datasheet HTML 51Page - Microchip Technology MCP3565R Datasheet HTML 52Page - Microchip Technology MCP3565R Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
2020-2021 Microchip Technology Inc.
DS20006401C-page 49
MCP3565R
5.8
Power-on Reset
The analog and digital power supplies are monitored
separately by two Power-on Reset (POR) monitoring
circuits at all times, except during Full Shutdown mode
(see
Section 5.10, Low-Power Shutdown Modes).
Each POR circuit has two separate thresholds, one for
the rising voltage supply and one for the falling voltage
supply. They both include hysteresis (the rising
threshold is superior), so that the device is tolerant to a
certain degree of transient noise on each power supply.
If any of the two power supply voltages is below its
respective threshold, the POR state is forced internally.
In this state, the SPI interface is disabled, no command
can be executed by the chip. All registers are cleared
and set to their default values.
At power-up, when both power supply voltages are
above the rising thresholds, the device powers up, and
the SPI interface is enabled and can handle communi-
cations. Since both thresholds need to be crossed for
the power-up, the power-up sequence is not important
and any power supply voltage can ramp up first. The
detection time for the monitoring circuits (tPOR) is about
1 µs for relatively fast power-up ramp rates. The normal
operation stops when any of the falling thresholds of
the two POR monitoring circuits is crossed. Figure 5-10
illustrates the power-up and power-down sequences.
If the CS pin is kept logic low during a POR state, a
logic high pulse is necessary to start the first communi-
cation sequence after power-up. The CS rising edge
will reset the SPI interface properly.
The DVDD and AVDD monitoring thresholds are different
since their respective voltage ranges are different. The
AVDD rising threshold is approximately 1.75V ±10% and
the DVDD is 1.2V ±10%. The hysteresis is approximately
150 mV (typical).
Proper decoupling ceramic capacitors (0.1 µF and
10 µF ceramic) should be placed as close as possible
to the power supply pins (AVDD, DVDD) to provide
additional transient immunity.
During Full Shutdown mode, the power supply voltages
are not monitored to be able to reach ultra-low power
consumption. The device cannot generate a POR
event interrupt in this mode, except for cases of
extremely
low-power
supply
voltages.
See
Section 5.10.1 “Full Shutdown Mode”.
In order to ensure a proper power-up sequence, the
ramp rate of DVDD must not exceed 3 V/µs when
coming out of the POR state.
FIGURE 5-10:
Power-on Reset Timing Diagram.
POR State
POR Threshold Up
POR Threshold Down
tPOR
Voltage
(AVDD, DVDD)
POR State
Time
Normal Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com