Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3464 Datasheet HTML 17Page - Microchip Technology MCP3464 Datasheet HTML 18Page - Microchip Technology MCP3464 Datasheet HTML 19Page - Microchip Technology MCP3464 Datasheet HTML 20Page - Microchip Technology MCP3464 Datasheet HTML 21Page - Microchip Technology MCP3464 Datasheet HTML 22Page - Microchip Technology MCP3464 Datasheet HTML 23Page - Microchip Technology MCP3464 Datasheet HTML 24Page - Microchip Technology MCP3464 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 21
MCP3461/2/4
TABLE 2-1:
NOISE RMS LEVEL VS. GAIN VS. OSR (AVDD =DVDD =VREF = 3.3V, TA =+25°C)
Total
OSR
RMS (Peak-to-Peak) Noise (µV)
GAIN =0.33
GAIN=1
GAIN=2
GAIN=4
GAIN=8
GAIN = 16
32
388.9 (2829.9)
130.2 (950)
65.7 (481.7)
33.2 (240.9)
17 (125.5)
8.9 (66.9)
64
151.1 (564)
50.4 (184.6)
25.2 (102.4)
12.6 (56.2)
6.3 (34.8)
3.4 (22.5)
128
151.1 (302.1)
50.4 (107.4)
25.2 (57.1)
12.6 (33.6)
6.3 (21.4)
3.2 (14.3)
256
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (15.9)
3.2 (10.5)
512
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.9)
1024
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
2048
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
4096
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
8192
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
16384
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
20480
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
24576
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
40960
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
49152
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
81920
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
98304
151.1 (302.1)
50.4 (100.7)
25.2 (50.4)
12.6 (25.2)
6.3 (12.6)
3.2 (6.3)
TABLE 2-2:
EFFECTIVE RESOLUTION VS. GAIN VS. OSR (AVDD =DVDD =VREF =3.3V,
TA =+25°C)
Total
OSR
Effective Resolution RMS (Peak-to-Peak) (bits)
GAIN = 0.33
GAIN = 1
GAIN = 2
GAIN = 4
GAIN = 8
GAIN = 16
32
15.6 (12.8)
15.6 (12.8)
15.6 (12.7)
15.6 (12.7)
15.6 (12.7)
15.5 (12.6)
64
17 (15.2)
17 (15.2)
17 (15)
17 (14.9)
17 (14.5)
16.9 (14.2)
128
17 (16)
17 (15.9)
17 (15.9)
17 (15.6)
17 (15.3)
17 (14.9)
256
17 (16)
17 (16)
17 (16)
17 (16)
17 (15.7)
17 (15.4)
512
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (15.9)
1024
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
2048
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
4096
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
8192
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
16384
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
20480
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
24576
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
40960
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
49152
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
81920
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
98304
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
17 (16)
Note:
To calculate noise RMS level and Effective Resolution (Bits) for a given GAIN and data rate, please refer
to the OSR setting and associated data rate relationship shown in Table 5-6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com