Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP3464
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP3464 Datasheet HTML 55Page - Microchip Technology MCP3464 Datasheet HTML 56Page - Microchip Technology MCP3464 Datasheet HTML 57Page - Microchip Technology MCP3464 Datasheet HTML 58Page - Microchip Technology MCP3464 Datasheet HTML 59Page - Microchip Technology MCP3464 Datasheet HTML 60Page - Microchip Technology MCP3464 Datasheet HTML 61Page - Microchip Technology MCP3464 Datasheet HTML 62Page - Microchip Technology MCP3464 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 59
MCP3461/2/4
6.0
SPI SERIAL INTERFACE AND
DEVICE OPERATION
6.1
Overview
The MCP3461/2/4 devices use an SPI interface for
reading and writing the internal registers. The SPI
interface includes a four-wire (CS, SCK, SDI, SDO)
serial SPI interface that is compatible with SPI
Modes 0,0 and 1,1. Data are clocked out of the device
on the falling edge of SCK and data are clocked into the
device on the rising edge of SCK. In these modes, the
SCK clock can Idle either high (1,1) or low (0,0). The
digital interface is asynchronous with the MCLK clock
that controls the ADC sampling and digital filtering. All
digital input pins are Schmitt Triggered to avoid system
noise perturbations on the communications. The SPI
interface is maintained in a Reset state during POR.
Each SPI communication starts with a CS falling edge
and stops with the CS rising edge. Each SPI communi-
cation is independent. When CS is logic high, SDO is
in high-impedance; the transitions on SCK and SDI
have no effect. Changing from SPI Mode 1,1 to an SPI
Mode 0,0 and vice-versa is possible and must be done
while the CS pin is logic high. Any CS rising edge clears
the communication and resets the SPI digital interface.
See Figure 1-1 for the SPI timing details.
The MCP3461/2/4 digital interface is capable of
handling various Continuous Read and Write modes,
which allows for ADC data streaming or full register
map writing within only one communication (and there-
fore, with only one unique COMMAND byte). It also
includes single-byte Fast commands that allow faster
access to common and useful configurations. The
device does not include a Master Reset pin, but it
includes an SPI Fast command to be able to fully reset
the part at any time and place it back in a default
configuration.
The device family also includes advanced security
features to secure communication and alert users of
unwanted Write commands which change the desired
configuration. To secure the entire configuration of the
device, the device includes an 8-bit lock code
(LOCK[7:0]), which blocks all write commands to the
full register map if the value of the lock code is not
equal to a defined password (0xA5). The user can
protect its configuration by changing the LOCK[7:0]
value to 0x00 after full programming, so that any
unwanted Write command will not result in a change in
the configuration. Each SPI read communication can
be secured through a selectable CRC-16 checksum
provided on the SDO pin at the end of every communi-
cation sequence. This checksum computation is
compatible with the DMA CRC hardware of the PIC24
and PIC32 MCUs, as well as many other MCU refer-
ences, resulting in no additional overhead for the
added security.
Once the part is locked (write-protected), an additional
checksum calculation is also running continuously in
the background to ensure the integrity of the full regis-
ter map. All writable registers of the register map are
processed through a CRC-16 calculation engine and
give a CRC-16 checksum that depends on the
configuration. This checksum is readable from the CRC
register and updated at all times when MCLK is
running. If a change in this checksum happens, a CRC
interrupt generates a flag to warn the user that the
configuration has been corrupted.
The MCP3461/2/4 devices also include additional
digital signal pins, such as a dedicated IRQ interrupt
output pin and a Master Clock (MCLK) input/output pin,
which allow easier synchronization and faster interrupt
handling, facilitating the implementation of the device in
many different applications.
6.2
SPI Communication Structure
The MCP3461/2/4 interface has a simple communica-
tion structure. Every communication starts with a CS
falling edge and stops with a CS rising edge.
After the communication start, the communication is
always started by the COMMAND byte (8 bits) clocking
on the SDI input. The COMMAND byte defines the
command that will be executed by the digital interface.
It includes the device address, the register address bits
and the command-type bits.
The COMMAND byte is typically followed by data bytes
clocked on SDI if the command type is a write, and on
SDO if the command type is a read. The COMMAND
byte can also define a Fast command, in which case, it
is not followed by any other byte. The following sub-
sections detail the COMMAND byte structure and all
possible commands.
During the COMMAND byte clocking on SDI, a STATUS
byte is also propagated on the SDO output to enable
easy polling of the device status. During this time, the
interface is full-duplex, but the part can still be used by
MCUs handling only half-duplex communications if the
STATUS byte is ignored.
6.2.1
COMMAND BYTE STRUCTURE
The COMMAND byte fully defines the command that is
executed by the part. This byte is divided into three
parts: the Device Address bits (CMD[7:6]), the Com-
mand Address bits (CMD[5:2]) and the Command Type
bits (CMD[1:0]). A representation of this COMMAND
byte is available in Figure 6-1.
FIGURE 6-1:
COMMAND Byte.
CMD[7]
Device Address
Bits
CMD[6]
CMD[5]
CMD[4]
CMD[3]
CMD[2]
CMD[1]
CMD[0]
Register Address / Fast Command bits
Command Type
Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com