Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP661 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP661
Description  60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP661 Datasheet(HTML) 2 Page - Microchip Technology

  MCP661 Datasheet HTML 1Page - Microchip Technology MCP661 Datasheet HTML 2Page - Microchip Technology MCP661 Datasheet HTML 3Page - Microchip Technology MCP661 Datasheet HTML 4Page - Microchip Technology MCP661 Datasheet HTML 5Page - Microchip Technology MCP661 Datasheet HTML 6Page - Microchip Technology MCP661 Datasheet HTML 7Page - Microchip Technology MCP661 Datasheet HTML 8Page - Microchip Technology MCP661 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
MCP660/1/2/3/4/5/9
DS20002194E-page 2
 2009-2014 Microchip Technology Inc.
Package Types
MCP662
MSOP, SOIC
VINA+
VINA-
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB-
VINB+
MCP665
MSOP
VINA+
VINA-
VSS
1
2
3
4
10
9
8
7
VOUTA
VDD
VOUTB
VINB-
VINB+
CSA 5
6 CSB
MCP662
3x3 DFN*
VINA+
VINA-
VSS
VOUTA
VDD
VOUTB
VINB-
VINB+
MCP665
3x3 DFN*
* Includes Exposed Thermal Pad (EP); see Table 3-1.
1
2
3
4
8
7
6
5
VINA+
VINA-
CSA
VOUTA
VDD
VOUTB
VINB-
CSB
1
2
3
5
10
9
8
6
VSS
VINB+
4
7
MCP663
SOIC
VIN+
VIN-
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
CS
NC
MCP660
SOIC, TSSOP
NC
NC
VDD
1
2
3
4
14
13
12
11
NC
VOUTC
VINC-
VINC+
VSS
VINA+ 5
10 VINB+
VINA- 6
9
VOUTA 7
8 VOUTB
VINB-
2
MCP669
4x4 QFN*
VDD
VINB+
VINA-
VIND+
VSS
VINC+
VINC-
VINA+
EP
16
1
15 14 13
3
4
12
11
10
9
56
7
8
17
MCP664
SOIC, TSSOP
VINA+
VINA-
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND-
VIND+
VSS
VINB+ 5
10 VINC+
VINB- 6
9
VOUTB 7
8 VOUTC
VINC-
2
MCP660
4x4 QFN*
VDD
VINA+
NC
VINC+
VSS
VINB+
VINB-
NC
EP
16
1
15 14 13
3
4
12
11
10
9
56
7
8
17
EP
9
EP
11
CS
VIN+
VOUT
VSS
VIN-
MCP663
SOT-23-6
VDD
1
2
3
4
5
6
VIN+
VOUT
VSS
VIN-
MCP661
SOT-23-5
VDD
1
2
3
4
5
MCP661
2x3 TDFN*
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
CS
NC
EP
9
MCP661
SOIC
VIN+
VIN-
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com