Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP661 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP661
Description  60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP661 Datasheet(HTML) 1 Page - Microchip Technology

  MCP661 Datasheet HTML 1Page - Microchip Technology MCP661 Datasheet HTML 2Page - Microchip Technology MCP661 Datasheet HTML 3Page - Microchip Technology MCP661 Datasheet HTML 4Page - Microchip Technology MCP661 Datasheet HTML 5Page - Microchip Technology MCP661 Datasheet HTML 6Page - Microchip Technology MCP661 Datasheet HTML 7Page - Microchip Technology MCP661 Datasheet HTML 8Page - Microchip Technology MCP661 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
 2009-2014 Microchip Technology Inc.
DS20002194E-page 1
MCP660/1/2/3/4/5/9
Features:
• Gain-Bandwidth Product: 60 MHz (typical)
• Slew Rate: 32 V/µs (typical)
• Noise: 6.8 nV/
Hz (typical, at 1 MHz)
• Short Circuit Current: 90 mA (typical)
• Low Input Bias Current: 4 pA (typical)
• Ease of Use:
- Unity-Gain Stable
- Rail-to-Rail Output
- Input Range including Negative Rail
- No Phase Reversal
• Supply Voltage Range: +2.5V to +5.5V
• High Output Current: ±70 mA
• Supply Current: 6.0 mA/ch (typical)
• Low-Power Mode: 1 µA/ch
• Small Packages: SOT23-5, DFN
• Extended Temperature Range: -40°C to +125°C
Typical Applications:
• Multi-Pole Active Filter
• Driving A/D Converters
• Power Amplifier Control Loops
• Line Driver
• Video Amplifier
• Barcode Scanners
• Optical Detector Amplifier
Design Aids:
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
- MCP661DM-LD
• Application Notes
Description:
The Microchip Technology Inc. MCP660/1/2/3/4/5/9
family of operational amplifiers (op amps) features high
gain-bandwidth product and high slew rate. Some also
provide a Chip Select pin (CS) that supports a low-
power mode of operation. These amplifiers are
optimized for high speed, low noise and distortion,
single-supply operation with rail-to-rail output and an
input that includes the negative rail.
This family is offered in single (MCP661), single with
CS pin (MCP663), dual (MCP662) and dual with two
CS pins (MCP665), triple (MCP660), quad (MCP664)
and quad with two CS pins (MCP669). All devices are
fully specified from -40°C to +125°C.
Typical Application Circuit
RISO
VOUT
CL
RG
RF
MCP66X
VREF
VIN
RL
-
+
1
10
100
1.E-11
1.E-10
1.E-09
1.E-08
Normalized Capacitance; C
L/GN (F)
G
N = +1
10p
100p
1n
10n
G
N
High Gain-Bandwidth Op Amp Portfolio
Model Family
Channels/Package
Gain-Bandwidth
VOS (max.)
IQ/Ch (typ.)
MCP621/1S/2/3/4/5/9
1, 2, 4
20 MHz
0.2 mV
2.5 mA
MCP631/2/3/4/5/9
1, 2, 4
24 MHz
8.0 mV
2.5 mA
MCP651/1S/2/3/4/5/9
1, 2, 4
50 MHz
0.2 mV
6.0 mA
MCP660/1/2/3/4/5/9
1, 2, 3, 4
60 MHz
8.0 mV
6.0 mA
60 MHz, 32 V/µs Rail-to-Rail Output (RRO) Op Amps


Similar Part No. - MCP661

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP661 MICROCHIP-MCP661 Datasheet
833Kb / 42P
60 MHz, 6 mA Op Amps
2009
MCP661-E/MF MICROCHIP-MCP661-E/MF Datasheet
833Kb / 42P
60 MHz, 6 mA Op Amps
2009
MCP661-E/SN MICROCHIP-MCP661-E/SN Datasheet
833Kb / 42P
60 MHz, 6 mA Op Amps
2009
MCP661-E/UN MICROCHIP-MCP661-E/UN Datasheet
833Kb / 42P
60 MHz, 6 mA Op Amps
2009
MCP661T MICROCHIP-MCP661T Datasheet
833Kb / 42P
60 MHz, 6 mA Op Amps
2009
More results

Similar Description - MCP661

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
12MHz Rail-to-Rail Input-Output Op Amps
logo
Microchip Technology
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
60MHz Rail-to-Rail Input-Output Op Amps
May 7, 2007
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
12MHz Rail-to-Rail Input-Output Op Amps
logo
STMicroelectronics
TSB711 STMICROELECTRONICS-TSB711 Datasheet
3Mb / 36P
Precision rail-to-rail input / output 36 V, 6 MHz op-amps
Rev 6 - October 2020
TSB7191 STMICROELECTRONICS-TSB7191 Datasheet
9Mb / 34P
Precision rail-to-rail input / output 36 V, 22 MHz op-amps
15-Oct-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com