Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB28 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP48FVB28
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB28 Datasheet(HTML) 2 Page - Microchip Technology

  MCP48FVB28 Datasheet HTML 1Page - Microchip Technology MCP48FVB28 Datasheet HTML 2Page - Microchip Technology MCP48FVB28 Datasheet HTML 3Page - Microchip Technology MCP48FVB28 Datasheet HTML 4Page - Microchip Technology MCP48FVB28 Datasheet HTML 5Page - Microchip Technology MCP48FVB28 Datasheet HTML 6Page - Microchip Technology MCP48FVB28 Datasheet HTML 7Page - Microchip Technology MCP48FVB28 Datasheet HTML 8Page - Microchip Technology MCP48FVB28 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 112 page
background image
MCP48FXBX4/8
DS20006362A-page 2
 2020 Microchip Technology Inc.
General Description
The MCP48FXBX4/8 devices are a family of buffered
voltage output Digital-to-Analog Converters (DAC),
with the following options:
• Quad or octal output channel configurations
• 8/10/12-bit resolution
• Volatile or nonvolatile user memory
The quad and octal options differ only by the number of
output channels. The volatile and nonvolatile versions
have an identical analog circuit structure.
There are three voltage reference sources: the external
VREF pin, the device’s VDD or an internal band gap
voltage source.
When the VDD mode is selected, it is internally con-
nected to the DAC’s reference circuit. When the external
VREF pin is used, the user has the option to select
between a gain of 1 and 2 if the Buffered mode is used,
or the internal buffer can be bypassed entirely in the
External VREF Unbuffered mode.
In the Internal Band Gap Voltage Reference mode, the
gain can be selected between 2 and 4.
This
family
of
devices
features
WiperLock™
functionality, which prevents inadvertent changes of
the output value. It uses a high voltage on a specific
pin, together with dedicated commands, to lock the
values that are stored in memory.
These devices have an SPI compatible serial interface.
WRITE commands are supported up to 20 MHz, while
READ commands are supported up to 10 MHz.
Applications
• Set Point or Offset Trimming
• Sensor Calibration
• Low-Power Portable Instrumentation
• PC Peripherals
• Data Acquisition Systems
• Motor Control
MCP48FXBX4/8 DAC Output Channel Block Diagram
VREF
Band Gap
VDD
LAT
VDD
PDnB:PDnA
VRnB:VRnA
VRnB:VRnA
PDnB:PDnA
PDnB:PDnA
1kΩ
125 kΩ
VOUT
VRnB:VRnA/PDnB:PDnA
+
GAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com