Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48FVB28 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP48FVB28
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB28 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP48FVB28 Datasheet HTML 3Page - Microchip Technology MCP48FVB28 Datasheet HTML 4Page - Microchip Technology MCP48FVB28 Datasheet HTML 5Page - Microchip Technology MCP48FVB28 Datasheet HTML 6Page - Microchip Technology MCP48FVB28 Datasheet HTML 7Page - Microchip Technology MCP48FVB28 Datasheet HTML 8Page - Microchip Technology MCP48FVB28 Datasheet HTML 9Page - Microchip Technology MCP48FVB28 Datasheet HTML 10Page - Microchip Technology MCP48FVB28 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 7
MCP48FXBX4/8
DC CHARACTERISTICS (CONTINUED)
Standard Operating Conditions (unless otherwise specified):
Operating Temperature: -40°C
 TA  +125°C (Extended).
All parameters apply across the specified operating ranges unless noted.
VDD = +2.7V to 5.5V, VREF = +2.048V to VDD, VSS = 0V, Gx = 0, RL = 5 k from VOUT to GND, CL = 100 pF.
Typical specifications represent values for VDD = 5.5V, TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Current
IDD
1.0
mA
Quad
1 MHz(1)
Serial interface active (not
High-Voltage Command),
VRnB:VRnA = All Modes(4),
VOUT is unloaded, VDD = 5.5V,
Volatile DAC Register = Midscale
——
1.7
mA
10 MHz(1)
——
2.6
mA
20 MHz
——
1.6
mA
Octal
1 MHz(1)
——
2.3
mA
10 MHz(1)
——
3.2
mA
20 MHz
0.85
mA
Quad
Serial interface inactive(1) (not
High-Voltage Command),
VRnB:VRnA = All Modes, SCK = SDI = VSS,
VOUT is unloaded,
Volatile DAC Register = Midscale
——
1.6
mA
Octal
2.2
mA
Quad
EE write current, VREF = VDD = 5.5V
(after write, serial interface is inactive),
write 0x7FF to nonvolatile DAC0 (address
10h), VOUT pins are unloaded
——
2.7
mA
Octal
560
700
µA
Quad
HVC = 12.5V (High-Voltage Command),
serial interface inactive, VREF = VDD = 5.5V,
LAT/HVC = VIHH, DAC Registers = Midscale,
VOUT pins are unloaded
1100
1300
µA
Octal
Power-Down
Current
IDDP
0.68
3.8
µA
PDnB:PDnA = 01(5), VOUT not connected
Note 1:
This parameter is ensured by characterization.
4:
Supply current is independent of current through the resistor ladder in mode VRnB:VRnA = 10.
5:
The PDnB:PDnA = 00, 10 and 11 configurations should have the same current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com