Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH343 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSH343
Description  280MHz Single - Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSH343 Datasheet HTML 3Page - STMicroelectronics TSH343 Datasheet HTML 4Page - STMicroelectronics TSH343 Datasheet HTML 5Page - STMicroelectronics TSH343 Datasheet HTML 6Page - STMicroelectronics TSH343 Datasheet HTML 7Page - STMicroelectronics TSH343 Datasheet HTML 8Page - STMicroelectronics TSH343 Datasheet HTML 9Page - STMicroelectronics TSH343 Datasheet HTML 10Page - STMicroelectronics TSH343 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TSH343
Electrical Characteristics
Rev. 2
7/14
Figure 13. Reverse isolation vs. frequency
Figure 14. Bandwidth vs. temperature
Figure 15. Quiescent current vs. Supply
Figure 16. Input DC shift vs. temperature
Figure 17. Isource vs. output voltage
Figure 18. Voltage gain vs. temperature
1M
10M
100M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V
Load=100
Ω
Frequency (Hz)
-40
-20
0
204060
80
100
150
200
250
300
350
400
450
500
Vcc=5V
Load=150
Ω
Temperature (°C)
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
0
5
10
15
20
25
30
35
40
45
50
Vcc=5V
Input to ground, no load
Vcc (V)
-40
-20
0
20406080
0,2
0,3
0,4
0,5
0,6
0,7
0,8
Vcc=5V
Load=150
Ω
Temperature (°C)
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
4,5
5,0
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
+5V
0V
VOH
without load
V
Isource
V (V)
-40
-20
0
2040
6080
1,95
1,96
1,97
1,98
1,99
2,00
2,01
2,02
2,03
2,04
2,05
Vcc=5V
Load=150
Ω
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com