Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH343 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSH343
Description  280MHz Single - Supply Triple Video Buffer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH343 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSH343 Datasheet HTML 6Page - STMicroelectronics TSH343 Datasheet HTML 7Page - STMicroelectronics TSH343 Datasheet HTML 8Page - STMicroelectronics TSH343 Datasheet HTML 9Page - STMicroelectronics TSH343 Datasheet HTML 10Page - STMicroelectronics TSH343 Datasheet HTML 11Page - STMicroelectronics TSH343 Datasheet HTML 12Page - STMicroelectronics TSH343 Datasheet HTML 13Page - STMicroelectronics TSH343 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TSH343
Using the TSH343 to Drive Y-Pb-Pr Video Components
Rev. 2
11/14
Figure 28 shows a schematic diagram of the use of the TSH343 to drive video output from
DACs.
The TSH343 is used to drive high definition video signals up to 30MHz on 75-ohm video
lines. It is dedicated to driving YPbPr signals where the synchronization tip—close to zero
volts—is included in Y signal, as seen in (1). An internal input DC value of 600mV is added
to the video signal in order to shift the bottom from 0V to 600mV as seen in (2).
The shift is not based on the average of the signal, but is an analog summation of a DC
component to the video signal. Therefore, no input capacitors are required which provides a
real advantage in terms of cost and board space.
Under these conditions, it is possible to drive the signal in single supply without any
saturation of the driver against the lower rail.
Assuming that we lose half of the signal by output impedance-matching in order to properly
drive the video line, the shifted signal is multiplied by a gain of 2 or +6dB (3).
4.1
Delay between channels
Figure 29. Measurement of the delay between each channel
Delay between each video component is an important aspect in high definition video
systems. To drive porperly the three video components without any relative delay, the dice of
the TSH343 is layouted out with a very symetrical geometry. The effect is direct on the
synchronization of each channel, as shown in
Figure 30. No delay appears between each
channel when the same Vin signal is applied on the three inputs. Note that the delay from
the inputs the outputs equals 4ns.
75
Ω
75
Ω Cable
75
Ω
75
Ω
75
Ω Cable
75
Ω
75
Ω
600mV
75
Ω Cable
75
Ω
+6dB
+
+
+6dB
+
+
+6dB
+
+
600mV
600mV
5V
Vin
V1
V2
V3
75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com