Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFN0805-FX-R005ELF Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # CFN0805-FX-R005ELF
Description  CFN Series Metal Foil, Current Sense Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFN0805-FX-R005ELF Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CFN0805-FX-R005ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 5Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
REV.06/21
CFN Series Metal Foil, Current Sensing Chip Resistor
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Reliability Tests
Test Items
Condition of Test
∆R Maximum
Load Life
1000 hours at rated power, 70 ℃,
1.5 hours “ON”, 0.5 hour “OFF”
< ±1 %
Short Time Overload
5 X rated power for 5 sec.
< ±1 %
Moisture no Load
85 ℃, 85 %RH, 1000 hrs.
< ±1 %
Temperature Cycle
-55 ℃ & +155 ℃, 100 cycles,
15 min. per extreme condition
(CFN0402: -55 °C & +125 °C, 100 cycles)
< ±1 %
Resistance to Soldering Heat
260 ±5 ℃ for 10 ±1 sec.
< ±0.5 %
Solderability
245 ±5 ℃, 2 ±0.5 sec.
At least 95 % of surface area of electrode shall
be covered with new solder
High Temperature Exposure
+155 ℃, 1000 hrs.
(CFN0402: +125 °C, 1000 hrs.
< ±1 %
Low Temperature Storage
-55 ℃, 1000 hrs.
< ±1 %
Substrate Bending
Bending width 2 mm
< ±0.5 %
Insulation Resistance
100 V DC for 1 minute
>100 MΩ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com