Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFN0805-FX-R005ELF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CFN0805-FX-R005ELF
Description  CFN Series Metal Foil, Current Sense Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CFN0805-FX-R005ELF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CFN0805-FX-R005ELF Datasheet HTML 1Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 2Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 3Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 4Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 5Page - Bourns Electronic Solutions CFN0805-FX-R005ELF Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n
Metalfoil
n
Highpowerdensity
n
Lowinductance<5nH
n
LowthermalEMF<3µV/°C
n
Highreliabilityandstability
n
RoHScompliant*andhalogenfree**
Applications
n
Currentsensing
n
Powersupplies
n
Steppermotordrives
n
Inputamplifiers
CFN Series Metal Foil, Current Sense Resistor
Electrical Characteristics
Characteristic
CFN0402
CFN0603
CFN0805
CFN1206
Power Rating @ 70 °C (W)
0.25
0.5
0.75
1
Resistance Value (mΩ)
10, 20
5, 10, 20
5, 10, 20, 30 5, 10, 20, 40
Operating Temperature
Range (°C)
-55 ~ +125
-55 ~ +155
Temperature Coefficient of
Resistance (ppm/°C)
±100
±50, ±100
Tolerance (%)
±1, ±5
Derating Curve
*RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)contentis900ppmorless;and(c)thetotalBromine(Br)
andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING Cancer and Reproductive Harm - www.P65Warnings.ca.gov
Environmental Characteristics
Storage Conditions
Temperature ....................................................................................... +5 °C ~ +35 °C
Humidity .................................................................................................40 % ~ 75 %
Shelf Life.......................................................................2 years from manufacturing date
Solder Recommendations..........................................................................Reflow profile
(Solder: Sn96.5 / Ag3 / Cu0.5)
Moisture Sensitivity Level...............................................................................................1
100
-55+70
+155
+125
Ambient Temperature (°C)
CFN0402
CFN0603,
CFN0805,
CFN1206
L
W
C
T
CFN0402
1.10 ± 0.10
(.043 ± .004)
0.55 ± 0.10
(.021 ± .004)
0.25 ± 0.20
(.010 ± .004)
0.45 ± 0.10
(.017 ± .004)
CFN0603
1.60 ± 0.20
(.063 ± .008)
0.80 ± 0.20
(.031 ± .008)
0.40 ± 0.20
(.016 ± .008)
0.60 ± 0.20
(.023 ± .008)
CFN0805
2.00 ± 0.20
(.079 ± .008)
1.25 ± 0.20
(.049 ± .008)
0.40 ± 0.20
(.016 ± .008)
0.70 ± 0.20
(.028 ± .008)
CFN1206
3.20 ± 0.20
(.126 ± .008)
1.60 ± 0.20
(.063 ±. 008)
0.50 ± 0.20
(.020 ± .008)
0.70 ± 0.20
(.028 ± .008)
DIMENSIONS:
MM
(INCHES)
Product Dimensions
W
CC
T
L
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES CONTACT
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Similar Part No. - CFN0805-FX-R005ELF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CFN0805-FX-R005ELF BOURNS-CFN0805-FX-R005ELF Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
More results

Similar Description - CFN0805-FX-R005ELF

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
FCSL64R005JER OHMITE-FCSL64R005JER Datasheet
184Kb / 1P
Metal Foil Current Sense
logo
American Accurate Compo...
LR01R005FM AAC-LR01R005FM Datasheet
103Kb / 1P
METAL FOIL CURRENT SENSE RESISTORS
logo
Ohmite Mfg. Co.
FCSL64R002GER OHMITE-FCSL64R002GER Datasheet
241Kb / 3P
Metal Foil Current Sense
FCSL OHMITE-FCSL Datasheet
526Kb / 2P
Metal Foil Current Sense
FCSL OHMITE-FCSL_18 Datasheet
581Kb / 2P
Metal Foil Current Sense
logo
Bourns Electronic Solut...
CFG BOURNS-CFG Datasheet
580Kb / 5P
Metal Foil, Wide Terminal Current Sense Resistor
CFN BOURNS-CFN Datasheet
464Kb / 5P
Metal Foil, Current Sense Resistor
CFG0612 BOURNS-CFG0612 Datasheet
580Kb / 5P
CFG Series Metal Foil, Wide Terminal Current Sense Resistor
CFN0402A BOURNS-CFN0402A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
CFN-A BOURNS-CFN-A Datasheet
591Kb / 6P
CFN-A Series Metal Foil, Current Sensing Chip Resistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com