Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C241 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C241
Description  5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C241 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS90C241 Datasheet HTML 1Page - National Semiconductor (TI) DS90C241 Datasheet HTML 2Page - National Semiconductor (TI) DS90C241 Datasheet HTML 3Page - National Semiconductor (TI) DS90C241 Datasheet HTML 4Page - National Semiconductor (TI) DS90C241 Datasheet HTML 5Page - National Semiconductor (TI) DS90C241 Datasheet HTML 6Page - National Semiconductor (TI) DS90C241 Datasheet HTML 7Page - National Semiconductor (TI) DS90C241 Datasheet HTML 8Page - National Semiconductor (TI) DS90C241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Serializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
LLHT
LVDS Low-to-High Transition Time
R
L = 100
Ω,
C
L =10pFtoGND
VODSEL = L
(Figure 3)
0.6
ns
t
LHLT
LVDS High-to-Low Transition Time
0.6
ns
t
DIS
DIN (0:23) Setup to TCLK
R
L = 100
Ω,
C
L =10pFtoGND
(Note 8)
5ns
t
DIH
DIN (0:23) Hold from TCLK
5ns
t
HZD
DOUT ± HIGH to TRI-STATE Delay
R
L = 100
Ω,
C
L =10pFtoGND
(Note 4) (Figure 7)
5ns
t
LZD
DOUT ± LOW to TRI-STATE Delay
5
ns
t
ZHD
DOUT ± TRI-STATE to HIGH Delay
5
ns
t
ZLD
DOUT ± TRI-STATE to LOW Delay
5
ns
t
PLD
Serializer PLL Lock Time (Figure 8)R
L = 100
Ω
10
ms
t
SD
Serializer Delay (Figure 9)R
L = 100
Ω
VODSEL = L, TRFB = H
3.5T + 2.85
ns
R
L = 100
Ω
VODSEL = L, TRFB = L
3.5T + 2.85
ns
Deserializer Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max Units
t
RCP
Receiver out Clock Period
(Note 8)
t
RCP =tTCP
RCLK
28.6
200
ns
t
RDC
RCLK Duty Cycle
RCLK
45
50
55
%
t
CLH
CMOS/TTL Low-to-High
Transition Time
C
L =8pF
(lumped load)
(Figure 4)
ROUT [0:23],
LOCK, RCLK
2.5
3.5
ns
t
CHL
CMOS/TTL High-to-Low
Transition Time
2.5
3.5
ns
t
ROS
ROUT (0:7) Setup Data to
RCLK (Group 1)
(Figure 11)
ROUT [0:7]
(29/56)*t
RCP
(2/5)*
t
RCP
ns
t
ROH
ROUT (0:7) Hold Data to
RCLK (Group 1)
(Figure 11)
(27/56)*t
RCP
(2/5)*
t
RCP
ns
t
ROS
ROUT (8:15) Setup Data to
RCLK (Group 2)
(Figure 11)
ROUT [8:15],
LOCK
0.5*t
RCP
(2/5)*
t
RCP
ns
t
ROH
ROUT (9:15) Hold Data to
RCLK (Group 2)
(Figure 11)
0.5*t
RCP
(2/5)*
t
RCP
ns
t
ROS
ROUT (16:23) Setup Data to
RCLK (Group 3)
(Figure 11)
ROUT [16:23]
(27/56)*t
RCP
(2/5)*
t
RCP
ns
t
ROH
ROUT (16:23) Hold Data to
RCLK (Group 3)
(Figure 11)
(29/56)*t
RCP
(2/5)*
t
RCP
ns
t
HZR
HIGH to TRI-STATE Delay
(Figure 12)
ROUT [0:23],
RCLK, LOCK
310
ns
t
LZR
LOW to TRI-STATE Delay
3
10
ns
t
ZHR
TRI-STATE to HIGH Delay
3
10
ns
t
ZLR
TRI-STATE to LOW Delay
3
10
ns
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com