Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS90C241 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90C241
Description  5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C241 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS90C241 Datasheet HTML 1Page - National Semiconductor (TI) DS90C241 Datasheet HTML 2Page - National Semiconductor (TI) DS90C241 Datasheet HTML 3Page - National Semiconductor (TI) DS90C241 Datasheet HTML 4Page - National Semiconductor (TI) DS90C241 Datasheet HTML 5Page - National Semiconductor (TI) DS90C241 Datasheet HTML 6Page - National Semiconductor (TI) DS90C241 Datasheet HTML 7Page - National Semiconductor (TI) DS90C241 Datasheet HTML 8Page - National Semiconductor (TI) DS90C241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
DS90C241/DS90C124
5-35MHz DC-Balanced 24-Bit LVDS Serializer and
Deserializer
General Description
The DS90C241/124 Chipset translates a 24-bit parallel bus
into a fully transparent data/control LVDS serial stream with
embedded clock information. This single serial stream sim-
plifies transferring a 24-bit bus over PCB traces and cable by
eliminating the skew problems between parallel data and
clock paths. It saves system cost by narrowing data paths
that in turn reduce PCB layers, cable width, and connector
size and pins.
The DS90C241/124 incorporates LVDS signaling on the
high-speed I/O. LVDS provides a low power and low noise
environment for reliably transferring data over a serial trans-
mission path. By optimizing the serializer output edge rate
for the operating frequency range EMI is further reduced.
In addition the device features pre-emphasis to boost signals
over longer distances using lossy cables. Internal DC bal-
anced encoding/decoding is used to support AC-Coupled
interconnects.
Features
n
5 MHz–35 MHz clock embedded and DC-Balancing
1:24 and 24:1 data transmissions
n
User defined pre-emphasis driving ability through
external resistor on LVDS outputs and capable to drive
up to 10 meters shielded twisted-pair cable
n
User selectable clock edge for parallel data on both TX
and RX
n
Supports AC-coupling interface
n
Individual power-down controls for both TX and RX
n
Embedded clock CDR (clock and data recovery) on RX
and no external source of reference clock needed
n
All codes RDL (random data lock) to support
hot-pluggable applications
n
LOCK output flag to ensure data integrity at RX side
n
Balanced T
SETUP/THOLD between RCLK and RDATA on
RX side
n
PTO (progressive turn-on) LVTTL O/P to minimize the
SSO effects
n
All LVTTL inputs and control pins have internal pulldown
except PRE
n
On-chip filters for PLLs on TX and RX
n
48 pin TQFP package for both TX and RX
n
Pure CMOS .35 µm process
n
Power supply range 3.3V ± 10%
n
Temperature range –40˚C to +105˚C
n
8 kV HBM ESD structure
Block Diagram
20171901
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
PRELIMINARY
January 2006
© 2006 National Semiconductor Corporation
DS201719
www.national.com


Similar Part No. - DS90C241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90C241 NSC-DS90C241 Datasheet
900Kb / 21P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS90C241 TI1-DS90C241 Datasheet
992Kb / 31P
5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
DS90C241-Q1 TI1-DS90C241-Q1 Datasheet
992Kb / 31P
5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90C241IVS NSC-DS90C241IVS Datasheet
1Mb / 26P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS90C241IVS/NOPB TI1-DS90C241IVS/NOPB Datasheet
992Kb / 31P
5-MHz to 35-MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer
More results

Similar Description - DS90C241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90UR241 NSC-DS90UR241 Datasheet
960Kb / 24P
5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C241_0608 NSC-DS90C241_0608 Datasheet
900Kb / 21P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90UR124 NSC-DS90UR124_08 Datasheet
1Mb / 30P
5-43 MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103_0710 NSC-DS99R103_0710 Datasheet
924Kb / 24P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS90C124 NSC-DS90C124_08 Datasheet
1Mb / 26P
5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R101 NSC-DS99R101 Datasheet
901Kb / 24P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 TI1-DS99R105_14 Datasheet
1,019Kb / 30P
3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com