Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFLWA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # NFLWA
Description  NOISE FILTER FOR LonWorks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

NFLWA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  NFLWA Datasheet HTML 1Page - M-System Co.,Ltd. NFLWA Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MODEL: NF-LWA
http://www.m-system.co.jp/
NF-LWA SPECIFICATIONS
ES-9186 Rev.0 Page 1/2
NOISE FILTER FOR LonWorks
(FTT-10A)
Functions & Features
• Compatible to FTT-10A network
• Satisfies the specifications of insulation choke for FTT-10A
network recommended by Echelon
38 (1.50)
110
(4.33)
mm (inch)
35
(1.38)
MODEL: NF–LWA
ORDERING INFORMATION
• Code number: NF-LWA-1
SHIELD TERMINAL
1: With
APPLICABLE NETWORK
LonWorks FTT-10A network
This unit is not applicable to LonWorks Link Power network.
GENERAL SPECIFICATIONS
Connection:
Network: Euro type connector terminal
(Applicable wire size: 0.2 to 2.5 mm2)
Ground: M3 screw terminals (torque: 0.6 N·m)
Screw terminal: Nickel-plated brass
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -25 to +70°C (-13 to +158°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Mounting: DIN Rail (TH35-7.5, 1-mm-thick)
When this unit is earthed via a DIN rail, use a steel or
copper rail. Oxide film on the surface of an aluminium rail
may lower the electric conductivity between this module
and the ground.
Weight: 80 g (2.8 oz)
PERFORMANCE in percentage of span
Dielectric strength: 500 V AC @ 1 minute (NetA to NetB to
SHLD or G)
Series resistance: ≤ 1.5 Ω
Inductance value: ≥ 1.8 mH @ 10 kHz
Capacitance: 40 pF @ 10 kHz


Similar Part No. - NFLWA

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NFL15ST157X0J3 MURATA-NFL15ST157X0J3 Datasheet
204Kb / 3P
Operating Temperature Range
logo
Murata Manufacturing Co...
NFL15ST157X0J3 MURATA1-NFL15ST157X0J3 Datasheet
297Kb / 3P
This product is compact size EMI suppression filter of 1.0x0.5x0.3mm.
Last updated07/26/2022
logo
Murata Manufacturing Co...
NFL15ST157X0J3B MURATA-NFL15ST157X0J3B Datasheet
222Kb / 8P
This reference specification applies to Chip EMIFIL짰 LC Combined Monolithic Type NFL15ST Series
logo
Murata Manufacturing Co...
NFL15ST157X0J3B MURATA1-NFL15ST157X0J3B Datasheet
297Kb / 3P
This product is compact size EMI suppression filter of 1.0x0.5x0.3mm.
Last updated07/26/2022
logo
Murata Manufacturing Co...
NFL15ST157X0J3D MURATA-NFL15ST157X0J3D Datasheet
222Kb / 8P
This reference specification applies to Chip EMIFIL짰 LC Combined Monolithic Type NFL15ST Series
More results

Similar Description - NFLWA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
72-LON-8AD-78P ETC1-72-LON-8AD-78P Datasheet
84Kb / 2P
NETWORK INTERFACES Microlon (LonWorks)
logo
Toshiba Semiconductor
TMPN3150B1AF TOSHIBA-TMPN3150B1AF Datasheet
185Kb / 9P
Neuron Chip For Distributed Intelligent Control Networks (LONWORKS)
TMPN3120FE3MG TOSHIBA-TMPN3120FE3MG Datasheet
371Kb / 10P
Neuron짰 Chip for Distributed Intelligent Control Networks (LONWORKS)
logo
TDK Electronics
MHF1608 TDK-MHF1608 Datasheet
178Kb / 4P
Noise suppression filter For MF / HF band noise suppression
VAF201610FA-1 TDK-VAF201610FA-1 Datasheet
209Kb / 4P
Noise suppression filter For audio lines
VFS5045 TDK-VFS5045 Datasheet
275Kb / 4P
Noise suppression filter For home appliances
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
Noise suppression filter For home appliances
logo
WAGO Kontakttechnik Gmb...
750-819 WAGO-750-819 Datasheet
588Kb / 13P
Controller LonWorks
logo
Schneider Electric
VW3A21212 SCHNEIDER-VW3A21212 Datasheet
167Kb / 2P
communication card LonWorks
Apr 20, 2022
logo
Murata Manufacturing Co...
NFZ2MSD100SN10 MURATA1-NFZ2MSD100SN10 Datasheet
423Kb / 3P
NFZ2MSD_SN is a noise filter designed for noise
Last updated06/21/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com