Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFLWA Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # NFLWA
Description  NOISE FILTER FOR LonWorks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

NFLWA Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  NFLWA Datasheet HTML 1Page - M-System Co.,Ltd. NFLWA Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: NF-LWA
http://www.m-system.co.jp/
NF-LWA SPECIFICATIONS
ES-9186 Rev.0 Page 2/2
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
• When mounting, no extra space is needed between units.
38 (1.50)
DIN RAIL
35mm wide
[3 (.12)]
CONNECTOR
(Network side)
CONNECTOR
(Node device side)
SHIELD TERMINAL(SHLD)
GROUND TERMINAL
35 (1.38)
6 (.24)
[4.5 (.18) deep]
3 2 1
C B A
SHORTCIRCUIT BAR
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
3
A
B
C
SHLD
(Shield)
SHLD
(Shield)
Network side
Node device side
SHLD
G
**
*
* When grounding the shield wire via shield terminal.
Provide a grounding circuit separately and connect it, when grounding
the shield wire via capacitors or resistors.
** When the unit is earthed via DIN rail, connect a shortcircuit bar.
In that case, the DIN rail must be steel or copper rail. The shortcircuit
bar is connected as factory default.
Net A
Net A
Net B
Net B
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com