Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR2KV6 Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MSR2KV6
Description  PC Recorder Series MSRpro SOFTWARE PACKAGE Ver.6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSR2KV6 Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MSR2KV6 Datasheet HTML 1Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 2Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 3Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 4Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 5Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 6Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 7Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 8Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
MODEL: MSR2K-V6
MSR2K-V6 SPECIFICATIONS
ES-7405 Rev.3 Page 2/14
http://www.m-system.co.jp/
SERVER SOFTWARE (MSR2K-S)
■ HARDWARE REQUIREMENTS
HARDWARE
REQUIREMENTS
PC
IBM PC/AT or compatible
Operating system
Windows 7 Professional (32-bit, 64-bit) or Windows 10 Professional (32-bit, 64-bit)
(The MSR2K may not operate adequately in certain conditions.)
CPU
Pentium IV 2.0 GHz or higher
Screen area
XGA (1024 by 768 pixels) or better resolution
Display color
65000 colors (16 bits)
Main memory
512 MB minimum; 1 GB minimum recommended
Hard disk area
80 GB; Use an internal hard disk. *
1
I/O hardware
R3-NE1, R3-NM1*
2, R5-NE1, R5-NM1*2, R7E, R7M*2, R1M-GH2, R1M-J3, R1M-A1*2, R1M-D1,
R1M-P4*
2, R1MS-GH3, R2M-2G3, R2M-2H3, RZMS-U9*2, RZUS-U9*2, 52U*4, 53U*2, L53U*2 , 54U*2,
R7MWTU*
2, R7EWTU*2, R9MWTU*2, R9EWTU*2, 73VR21x*3,4 , 73VR3100*3,4, IT60RE , IT40SRE ,
IT50SRE , IT60SRE
CD drive
Windows supported CD drive is used to install the software program.
Communication port
LAN card by Windows
*1. External (e.g. SCSI) devices may impair appropriate performance. Please secure enough hard disk space for the MSR2K data.
Recorded data may be periodically transferred to external storage media to allow new data stored.
*2. 100 msec. storing mode is not selectable.
*3. Real-time connection only.
*4. Single node per station. High speed mode is not selectable.
CAUTION: The software’s performance largely depends upon the PC’s performance including other environmental conditions.
Data sampling may be missed when it is not adequate. The missing parts will be lled with the previously sampled data.
NOTE: When the Server and the Client are used on the same PC, the PC must satisfy the Server’s system requirements.
■Builder Software & MSRpro V1. Conversion Tool: Installed and used in the Server PC.
■SOFTWARE FUNCTIONS
The Server samples data at I/O devices, calculate and store data in files. Stored data is distributed upon request from Clients.
Storing Mode: High speed, Middle speed or Low speed selectable
Data format: Binary, CSV
•Sampling Rate (depends upon number of slave devices)
High speed mode: 100 msec.
Middle speed mode: 1 sec.
Low speed mode: 5 sec.
•Maximum number of I/O signals
High speed mode: 8 groups (256 points)
Middle/low speed mode: 2048 (Limited to 512 when the Server and the Client are in the same PC.)
•Data Storing Method
Normal: Recording is manually initiated and stopped. Data is continuously stored while the recording is on.
Auto: Recording is automatically initiated and stopped at a predefined time (one time only or every day).
Event recording: The Server detects an external event by trigger signal, and stores preset number of samples (max. 120 as
pretrigger, max. 1200 as posttrigger) before and after the moment of event.
Remote trigger: Data is automatically recorded while the external trigger condition (input) is true.
Store conditionally (analog): Data is automatically recorded when a specific analog input signal is within a pre-determined
range.
•Storing Rate (reading and plotting) (selectable per group)
High speed mode: 100, 500 msec.
Middle speed mode: 1, 2, 5, 10, 20, 30 sec., 1 min., 10 min.
Low speed mode: 5, 10, 20, 30 sec., 1 min., 10 min.
•Computation Functions: Square root extraction, arithmetic functions, logic functions, segment linearization and
temperature/pressure compensation, moving average (between 2 - 5 samples), pulse accumulation (between 0.5 - 24 h)
Alarm: Four stages alarm output. Point of contact outputs to the output modules.
•Maximum number of I/O stations
High speed mode: 1 (1 station/1 node only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com