Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR2KV6 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MSR2KV6
Description  PC Recorder Series MSRpro SOFTWARE PACKAGE Ver.6
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MSR2KV6 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MSR2KV6 Datasheet HTML 1Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 2Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 3Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 4Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 5Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 6Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 7Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 8Page - M-System Co.,Ltd. MSR2KV6 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MODEL: MSR2K-V6
MSR2K-V6 SPECIFICATIONS
ES-7405 Rev.3 Page 1/14
http://www.m-system.co.jp/
PC Recorder Series
MSRpro SOFTWARE PACKAGE Ver.6
Functions & Features
• Industrial recorder on Windows based PC
•Stores, computes and plots in high speed multichannel
input data of variety
• Client-server system
• Total of 2048 analolg-discrete mixed input channels
• 100 msec. high speed storing mode
• Recorded data is exportable to other Windows
applications in CSV format
• Daily, monthly, annual report can be created by using
report software
• Power demand monitoring is available with power monitor
software
• Available as gas demand monitoring
• Batch recording is available with client software
MODEL: MSR2K-V6
ORDERING INFORMATION
• Code number: MSR2K-V6
RELATED PRODUCTS
•Remote I/O R3 Series
Network Module for Modbus/TCP (Ethernet)
(model: R3-NE1)
Network Module for Modbus (model: R3-NM1)
•Remote I/O R5 Series
Network Module for Modbus/TCP (Ethernet)
(model: R5-NE1)
Network Module for Modbus (model: R5-NM1)
•Modbus I/O Module (model: R7M, R7E)
•Ethernet Communication Adaptor (model: 72EM-M4
(Firmware version V1.01.03 or higher), 72EM2-M4)
•RS-232-C/RS-485 Converter (model: R2K-1)
•Remote I/O R1M Series, R2M Series, R1MS, RZMS,
RZUS Series
•Multi Power Monitor (models: 52U, 53U, L53U, 54U)
•Paperless Recorder (models: 73VR21x (Ver.1 is Not
applicable), 73VR3100)
· Ethernet Tower Light (model: IT60RE, IT40SRE, IT50SRE,
IT60SRE)
PACKAGE INCLUDING...
• CD-ROM ............................................................. (1)
Builder Software, English/Japanese version
Server Software, English/Japanese version
Client/Analyzer Software, English/Japanese version
Report software MSRpro-Report
Power monitor software MSReco
Power monitor client software MSReco-client
MSRpro Data Conversion Tool
Users manuals for each software program
DATA INPUT INTERFACE
Modbus RTU interface: Connects to RS-232-C
(COM1 through COM8) via an RS-485/ RS-232-C converter;
38.4 kbps
Modbus TCP interface: 100-Mbps LAN interface compatible
with Windows


Similar Part No. - MSR2KV6

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MSR2KV5 MSYSTEM-MSR2KV5 Datasheet
655Kb / 9P
PC Recorder Series MSRpro SOFTWARE PACKAGE Ver.5
More results

Similar Description - MSR2KV6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL073V1 STMICROELECTRONICS-STEVAL-ILL073V1 Datasheet
284Kb / 8P
Complete hardware and software package
14-Jan-2016
logo
PHOENIX CONTACT
5605861 PHOENIX-5605861 Datasheet
45Kb / 2P
Software package - VLC-IRF-RTM
2988560 PHOENIX-2988560 Datasheet
55Kb / 3P
Software - PC WORX PRO LIC CPY
logo
M-System Co.,Ltd.
MSRPAC10 MSYSTEM-MSRPAC10 Datasheet
1,020Kb / 10P
PC Recorder Series PC RECORDER SOFTWARE PACKAGE
MSR2KV5 MSYSTEM-MSR2KV5 Datasheet
655Kb / 9P
PC Recorder Series MSRpro SOFTWARE PACKAGE Ver.5
R1M-A1_R MSYSTEM-R1M-A1_R Datasheet
237Kb / 6P
PC Recorders R1M Series PC RECORDER
RZUS-U9 MSYSTEM-RZUS-U9 Datasheet
337Kb / 10P
PC Recorders RZUS Series PC RECORDER
TR30 MSYSTEM-TR30 Datasheet
489Kb / 8P
Paperless Recorder TR30 Series PAPERLESS RECORDER
logo
PHOENIX CONTACT
2985385 PHOENIX-2985385 Datasheet
61Kb / 4P
Software - PC WORX PRO LIC
09/12/2020
2985275 PHOENIX-2985275 Datasheet
60Kb / 4P
Software - PC WORX BASIC LIC
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com