Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-G35UVC275GC Datasheet(PDF) 5 Page - Lite-On Technology Corporation

Part # LTPL-G35UVC275GC
Description  Specific Lighting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-G35UVC275GC Datasheet(HTML) 5 Page - Lite-On Technology Corporation

  LTPL-G35UVC275GC Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
4/16
Part No. : LTPL-G35UVC275GC
BNS-OD-FC002/A4
Specific Lighting
LTPL-G35UVC275GC
5.
Bin Code List
Vf : Forward Voltage Spec. Table
VF Bin
Vf (V) @ If = 120mA
Min.
Max.
V1
5.0
5.5
V2
5.5
6.0
V3
6.0
6.5
V4
6.5
7.0
V5
7.0
7.5
Tolerance on each Forward Voltage bin is +/- 0.1V
Φe: Radiant Flux Spec. Table
Φe Bin
Φe (mW) @ If = 120mA
Min.
Max.
X1
14
17
X2
17
20
X3
20
23
X4
23
-
Tolerance on each Radiant Flux bin is +/- 7%
Wp: Peak Wavelength Spec table
Wp Bin
Wp (nm) @ If = 120mA
Min.
Max.
W1
265
280
Tolerance on each Peak Wavelength bin is +/- 3nm
Notes:
Bin classification code is marked on each packing bag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com