Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTPL-G35UVC275GC Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTPL-G35UVC275GC
Description  Specific Lighting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTPL-G35UVC275GC Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTPL-G35UVC275GC Datasheet HTML 1Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 2Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 3Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 4Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 5Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 6Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 7Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 8Page - Lite-On Technology Corporation LTPL-G35UVC275GC Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1/16
Part No. : LTPL-G35UVC275GC
BNS-OD-FC002/A4
Specific Lighting
LTPL-G35UVC275GC
1.
Description
The LiteON LTPL-G35UVC product series is a revolutionary, energy efficient light source for sterilization and medical
application, combining the lifetime and reliability advantages of Light Emitting Diodes with the brightness of conventional
light source. It gives you design freedom, and creating a new opportunity for solid state UVC light source to displace
conventional UV technologies.
Features
I.C. compatible
RoHS compliant and Pb free
Lower operating costs
Reduced maintenance costs
2.
Outline Dimensions
Notes:
All dimensions are in millimeters and tolerance is ±0.2mm unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com