Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VGS-100C Datasheet(PDF) 1 Page - CUI INC

Part # VGS-100C
Description  INTERNAL AC-DC POWER SUPPLY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VGS-100C Datasheet(HTML) 1 Page - CUI INC

  VGS-100C Datasheet HTML 1Page - CUI INC VGS-100C Datasheet HTML 2Page - CUI INC VGS-100C Datasheet HTML 3Page - CUI INC VGS-100C Datasheet HTML 4Page - CUI INC VGS-100C Datasheet HTML 5Page - CUI INC VGS-100C Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
cui.com
date 09/28/2020
page 1 of 6
SERIES: VGS-100C
│ DESCRIPTION: INTERNAL AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency2
(Vdc)
max
(A)
max
(W)
typ
(mVp-p)
typ
(%)
VGS-100C-5
5
18
90.0
100
86
VGS-100C-12
12
8.5
102.0
120
88
VGS-100C-15
15
7.0
105.0
120
88
VGS-100C-24
24
4.5
108.0
150
90
VGS-100C-36
36
2.8
100.8
200
90
VGS-100C-48
48
2.3
110.4
200
91
Notes:
1. Ripple & noise are measured at 20 MHz BW with 47 µF aluminum electrolytic capacitor and 0.1 µF ceramic capacitor on the output.
2. Measured at 230 Vac
PART NUMBER KEY
Base Number
VGS-100C - XX - X
Output Voltage
A - with terminal cover
B - with conformal coating
FEATURES
• universal input range (85 ~ 264 VAC)
• UL/EN/IEC 62368 certified
• designed to meet IEC/EN 61558, IEC/EN 60335, and GB4943 system requirements
• short-circuit, over-current, over-voltage protections
• CISPR/EN55032 Class B radiated/conducted emissions
• output adjustable via trimpot +/- 10%
Additional Resources: Product Page | 3D Model


Similar Part No. - VGS-100C

ManufacturerPart #DatasheetDescription
logo
CUI INC
VGS-100C CUI-VGS-100C Datasheet
1Mb / 6P
INTERNAL AC-DC POWER SUPPLY
02/09/2022
VGS-100C-12 CUI-VGS-100C-12 Datasheet
1Mb / 6P
INTERNAL AC-DC POWER SUPPLY
02/09/2022
VGS-100C-15 CUI-VGS-100C-15 Datasheet
1Mb / 6P
INTERNAL AC-DC POWER SUPPLY
02/09/2022
VGS-100C-24 CUI-VGS-100C-24 Datasheet
1Mb / 6P
INTERNAL AC-DC POWER SUPPLY
02/09/2022
VGS-100C-36 CUI-VGS-100C-36 Datasheet
1Mb / 6P
INTERNAL AC-DC POWER SUPPLY
02/09/2022
More results

Similar Description - VGS-100C

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSK-15W CUI-PSK-15W Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PSK-45 CUI-PSK-45 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
PBO-5C CUI-PBO-5C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-10C CUI-PBO-10C Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PSK-3D CUI-PSK-3D Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
PBO-15C CUI-PBO-15C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/24/2022
PBO-10C CUI-PBO-10C_V01 Datasheet
1Mb / 8P
INTERNAL AC-DC POWER SUPPLY
01/21/2022
VGS-150C CUI-VGS-150C Datasheet
1Mb / 5P
INTERNAL AC-DC POWER SUPPLY
02/02/2022
VGS-75C CUI-VGS-75C Datasheet
757Kb / 6P
INTERNAL AC-DC POWER SUPPLY
09/28/2020
VGS-600 CUI-VGS-600 Datasheet
1Mb / 7P
INTERNAL AC-DC POWER SUPPLY
09/09/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com