Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVQL Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVQL
Description  HIGH VOLTAGE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVQL Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVQL Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HVQL Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HIGH VOLTAGE BRIDGE RECTIFIER
GETE ELECTRONIC CO.,LTD Http://www.getedz.com Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628 FAX:0086-20-8184 9638
2/P1
L
Tab Terminals Typ.
0.4/10.16
L
0.31/7.87
Inches/mm
HVQL SERIES
HVGTSEMI.COM
HVQL20FR10KE
+
~
0.75/19.05
0.17/4.31
0.032/0.812 x 0.250/6.35
HVQL 20 FR
10K
E
HVQL=
High voltage
bridge rectifier
10=1.0A
20=2.0A
30=3.0A
40=4.0A
50=5.0A
SR=
Standard Recovery
FR=
Fast Recovery
UF=
Ultra Fast Recovery
US=
Ultra Super Fast Recovery
05K=5.0KV
08K=8.0KV
10K=10KV
15K=15KV
20K=20KV
C=1.5 / 38.1
D=2.0 / 50.8
E=2.5 / 63.5
Series
Inches/mm


Similar Part No. - HVQL

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVQL10MB100D GETEDZ-HVQL10MB100D Datasheet
471Kb / 1P
1.0A 10kV--High Voltage Bridge Rectifier
HVQL10MB100G GETEDZ-HVQL10MB100G Datasheet
472Kb / 1P
1.0A 10kV--High Voltage Bridge Rectifier
HVQL10MB150D GETEDZ-HVQL10MB150D Datasheet
472Kb / 1P
1.0A 15kV--High Voltage Bridge Rectifier
HVQL10MB150G GETEDZ-HVQL10MB150G Datasheet
472Kb / 1P
HVQL10MB150G
HVQL10MB200D GETEDZ-HVQL10MB200D Datasheet
472Kb / 1P
1.0A 20kV--High Voltage Bridge Rectifier
More results

Similar Description - HVQL

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPA513 SSDI-SPA513_1 Datasheet
292Kb / 4P
HIGH VOLTAGE RECTIFIER BRIDGE
logo
Anshan Suly Electronics
3QL5-500KV0.1A ANSHAN-3QL5-500KV0.1A Datasheet
184Kb / 2P
High voltage bridge rectifier
3QL5-500KV0.02A ANSHAN-3QL5-500KV0.02A Datasheet
183Kb / 2P
High voltage bridge rectifier
QLG5-400KV2.0A ANSHAN-QLG5-400KV2.0A Datasheet
186Kb / 2P
High voltage bridge rectifier
QLG5-400KV2.5A ANSHAN-QLG5-400KV2.5A Datasheet
186Kb / 2P
High voltage bridge rectifier
QLG5-500KV0.02A ANSHAN-QLG5-500KV0.02A Datasheet
190Kb / 2P
High voltage bridge rectifier
QLG5-500KV0.2A ANSHAN-QLG5-500KV0.2A Datasheet
186Kb / 2P
High voltage bridge rectifier
QLG5-500KV1.0A ANSHAN-QLG5-500KV1.0A Datasheet
186Kb / 2P
High voltage bridge rectifier
QLG5-500KV1.5A ANSHAN-QLG5-500KV1.5A Datasheet
186Kb / 2P
High voltage bridge rectifier
logo
GETAI ELECTRONICS DEVIC...
HVQL20MB050D GETEDZ-HVQL20MB050D_17 Datasheet
523Kb / 2P
High Voltage Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com