Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVQL Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVQL
Description  HIGH VOLTAGE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVQL Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVQL Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HVQL Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HVQL SERIES
HIGH VOLTAGE BRIDGE RECTIFIER
Number
Voltage VRRM
FAVM
@TC
F
@0.5IFAVM
RRM
FSM
I
=55°C V
(Per Leg)
V
(Per Leg)
@25°C
I
(8.3ms)
L
HVGT Part
Peak Reverse
Current Max.
Voltage Drop
Current IR
Current
Recovery
Length
@
Repetitive
Avg. Forward
Max. Forward Max. Reverse
Max. Surge Max. Reverse
Case
Time TRR
kV
A
V
uA
A
nS
Inches/mm
Standard Recovery 2.0 and 5.0 Amp Glass Passivated Rectifiers
HVQL20SR05KC
5.0
2.0
4.8
0.5
50
--
1.5 / 38.1
HVQL20SR08KC
2.0
7.2
0.5
50
--
1.5 / 38.1
HVQL20SR10KC
2.0
8.4
0.5
50
--
1.5 / 38.1
10.0
8.0
HVQL20SR15KD
2.0
12.0
0.5
50
--
2.0 / 50.8
15.0
HVQL20SR20KE
2.0
18.0
0.5
50
--
2.5 / 63.5
20.0
HVQL50SR05KD
5.0
5.0
5.2
0.5
150
--
2.0 / 50.8
HVQL50SR08KD
5.0
7.2
0.5
150
--
2.0 / 50.8
HVQL50SR10KE
5.0
10.4
0.5
150
--
2.5 / 63.5
10.0
8.0
HVQL50SR15KE
5.0
13.0
0.5
150
--
2.5 / 63.5
15.0
Fast Recovery 1.0 and 5.0 Amp Glass Passivated Rectifiers
HVQL10FR05KC
5.0
1.0
7.2
0.5
30
150
1.5 / 38.1
HVQL10FR10KC
10.0
1.0
14.4
0.5
30
150
1.5 / 38.1
HVQL20FR05KD
5.0
2.0
6.5
0.5
50
150
2.0 / 50.8
HVQL20FR10KE
10.0
2.0
13.0
0.5
50
150
2.5 / 63.5
HVQL40FR05KD
5.0
4.0
7.0
0.5
100
150
2.0 / 50.8
HVQL40FR10KE
10.0
4.0
14.0
0.5
100
150
2.5 / 63.5
HVQL20FR15KE
15.0
2.0
20.0
0.5
50
150
2.5 / 63.5
HVQL20FR08KD
8.0
2.0
10.4
0.5
50
150
2.0 / 50.8
HVQL40FR08KE
8.0
4.0
11.2
0.5
100
150
2.5 / 63.5
HVQL50FR05KE
5.0
5.0
7.5
0.5
120
150
2.5 / 63.5
HVQL50FR08KE
8.0
5.0
12.0
0.5
120
150
2.5 / 63.5
Ultra Fast Recovery 2.0 and 4.0 Amp Rectifiers (TRR 75 nS)
HVQL20UF05KC
5.0
2.0
8.0
1.0
50
75
1.5 / 38.1
HVQL20UF08KC
2.0
12.8
1.0
50
75
1.5 / 38.1
HVQL20UF10KD
2.0
16.0
1.0
50
75
2.0 / 50.8
10.0
8.0
HVQL20UF15KE
2.0
24.0
1.0
50
75
2.5 / 63.5
15.0
HVQL20UF20KE
2.0
32.0
1.0
50
75
2.5 / 63.5
20.0
HVQL40UF05KD
5.0
4.0
7.0
2.0
150
75
2.0 / 50.8
HVQL40UF08KD
4.0
11.2
2.0
150
75
2.0 / 50.8
HVQL40UF10KE
4.0
14.0
2.0
150
75
2.5 / 63.5
10.0
8.0
HVQL40UF15KE
4.0
21.0
2.0
150
75
2.5 / 63.5
15.0
Ultra Super Fast Recovery 1.0 and 3.0 Amp Rectifiers (TRR 40 nS)
HVQL10US05KC
5.0
1.0
7.0
1.0
10
40
1.5 / 38.1
HVQL10US08KC
1.0
11.2
1.0
10
40
1.5 / 38.1
HVQL10US10KD
1.0
14.0
1.0
10
40
2.0 / 50.8
10.0
8.0
HVQL10US15KE
1.0
21.0
1.0
10
40
2.5 / 63.5
15.0
HVQL10US20KE
1.0
28.0
1.0
10
40
2.5 / 63.5
20.0
HVQL30US05KD
5.0
3.0
10.0
2.0
60
40
2.0 / 50.8
HVQL30US08KD
3.0
16.0
2.0
60
40
2.0 / 50.8
HVQL30US10KE
3.0
20.0
2.0
60
40
2.5 / 63.5
10.0
8.0
HVQL30US15KE
3.0
30.0
2.0
60
40
2.5 / 63.5
15.0
GETE ELECTRONIC CO.,LTD Http://www.getedz.com Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628 FAX:0086-20-8184 9638
2/P2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com