Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTST-008EGSW Datasheet(PDF) 13 Page - Lite-On Technology Corporation

Part # LTST-008EGSW
Description  SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-008EGSW Datasheet(HTML) 13 Page - Lite-On Technology Corporation

Back Button LTST-008EGSW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 9Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 10Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 11Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 12Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 13Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
12/12
Part No. : LTST-008EGSW
BNS-OD-FC002/A4
SMD LED
LTST-008EGSW
10. Suggested Checking List
Training and Certification
1.
Everyone working in a static-safe area is ESD-certified?
2.
Training records kept and re-certification dates monitored?
Static-Safe Workstation & Work Areas
1.
Static-safe workstation or work-areas have ESD signs?
2.
All surfaces and objects at all static-safe workstation and within 1 ft measure less than 100V?
3.
All ionizer activated, positioned towards the units?
4.
Each work surface mats grounding is good?
Personnel Grounding
1.
Every person (including visitors) handling ESD sensitive (ESDS) items wears wrist strap, heel strap or conductive shoes with
conductive flooring?
2.
If conductive footwear used, conductive flooring also present where operator stand or walk?
3.
Garments, hairs or anything closer than 1 ft to ESD items measure less than 100V*?
4.
Every wrist strap or heel strap/conductive shoes checked daily and result recorded for all DLs?
5.
All wrist strap or heel strap checkers calibration up to date?
Note: *50V for InGaN LED.
Device Handling
1.
Every ESDS items identified by EIA-471 labels on item or packaging?
2.
All ESDS items completely inside properly closed static-shielding containers when not at static-safe workstation?
3.
No static charge generators (e.g. plastics) inside shielding containers with ESDS items?
4.
All flexible conductive and dissipative package materials inspected before reuse or recycles?
Others
1.
Audit result reported to entity ESD control coordinator?
2.
Corrective action from previous audits completed?
3.
Are audit records complete and on file?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com