Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTST-008EGSW Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # LTST-008EGSW
Description  SMD LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-008EGSW Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  LTST-008EGSW Datasheet HTML 1Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 2Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 3Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 4Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 5Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 6Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 7Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 8Page - Lite-On Technology Corporation LTST-008EGSW Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1/12
Part No. : LTST-008EGSW
BNS-OD-FC002/A4
SMD LED
LTST-008EGSW
1. Description
SMD LEDs from Lite-On are available in miniature sizes and special configurations for automated PC board assembly and
space-sensitive applications. These SMD LEDs are suitable for use in a wide variety of electronic equipment, including cordless
and cellular phones, notebook computers, network systems, home appliances, and indoor signboard applications.
1.1 Features
Meet ROHS
Package in 12mm tape on 7" diameter reels
EIA STD package
I.C. compatible
Compatible with automatic placement equipment
Compatible with infrared reflow solder process
Preconditioning: accelerate to JEDEC level 3
1.2 Applications
Telecommunication, Office automation, home appliances,
industrial equipment
Status indicator
Signal and Symbol Luminary
Front panel backlighting
2. Package Dimensions
Part No.
Lens Color
Source Color
Pin Assignment
LTST-008EGSW
White Diffused
AlInGaP Red
(1,2) , 3
InGaN Green
4 , 5
AlInGaP Yellow
6 , (7,8)
Notes:
1.
All dimensions are in millimeters.
2.
Tolerance is ±0.1 mm (.004") unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com