Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC1008 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ISC1008
Description  Wirewound, Surface Mount, Shielded Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC1008 Datasheet(HTML) 1 Page - Vishay Siliconix

  ISC1008 Datasheet HTML 1Page - Vishay Siliconix ISC1008 Datasheet HTML 2Page - Vishay Siliconix ISC1008 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 34173
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
143
Wirewound, Surface Mount, Shielded Inductor
ISC-1008
Vishay Dale
Note
(1) For 15 °C rise
FEATURES
• Excellent
solderability
and
resistance
to
soldering heat
• Suitable for reflow soldering
• High
reliability
and
easy
surface
mount
assembly
• Wide range of inductance values available
• Tape and reel packaging for automatic handling, 750/reel,
EIA-481
• Compliant to RoHS directive 2002/95/EC
ELECTRICAL SPECIFICATIONS
Inductance Range: 1 μH to 1000 μH
Operating Temperature: - 40 °C to + 85 °C
Storage Temperature: - 40 °C to + 125 °C
Material: Ferrite with magnetic shield
TEST EQUIPMENT
• Inductance and Q is measured in HP-4286A RF LCR meter
with HP-16193 fixture
• SRF is measured in HP-8753E RF network analyzer
• DCR is measured in HP-4338B millohmeter
STANDARD ELECTRICAL SPECIFICATIONS
IND. AT
100 kHz
(μH)
TOL.
Q MIN.
AT
1 MHz
SRF
MIN.
(MHz)
DCR
MAX.
(
)
RATED DC
CURRENT
(mA) (1)
1.0
± 20 %
35
344
0.05
1000
1.5
± 20 %
35
260
0.06
800
1.8
± 20 %
35
225
0.09
680
2.7
± 20 %
38
185
0.14
650
3.9
± 20 %
38
175
0.26
650
4.7
± 20 %
38
160
0.35
500
5.6
± 20 %
38
150
0.40
450
6.8
± 20 %
38
120
0.60
400
10
± 20 %
38
100
0.95
250
15
± 20 %
38
35
1.15
220
22
± 20 %
40
26
1.40
180
33
± 20 %
45
20
1.60
150
39
± 20 %
45
14
1.85
130
47
± 20 %
45
14
2.50
110
68
± 20 %
45
12
3.80
100
82
± 20 %
45
9.0
4.20
100
100
± 20 %
45
7.0
5.80
80
120
± 20 %
45
6.0
6.20
60
150
± 20 %
40
5.6
7.50
50
220
± 20 %
40
4.0
10.0
50
330
± 20 %
40
3.8
11.5
50
470
± 20 %
35
2.0
16.5
50
560
± 20 %
35
2.0
18.0
30
680
± 20 %
30
1.8
24.0
30
820
± 20 %
30
1.5
26.0
30
1000
± 20 %
30
1.3
30.0
30
RECOMMENDED PATTERN
LENGTH (L)
WIDTH (W)
HEIGHT (H)
TERMINAL (S)
0.142 ± 0.008
[3.60 ± 0.2]
0.142 ± 0.008
[3.60 ± 0.2]
0.098 ± 0.008
[2.50 ± 0.2]
0.020 ± 0.004
[0.50 ± 0.1]
A
B
C
DIMENSIONS in inches [millimeters]
LENGTH (L)
WIDTH (W)
HEIGHT (H)
TERMINAL (S)
0.142 ± 0.008
[3.60 ± 0.2]
0.142 ± 0.008
[3.60 ± 0.2]
0.098 ± 0.008
[2.50 ± 0.2]
0.020 ± 0.004
[0.50 ± 0.1]
AB
C
0.080 ± 0.004
[2.00 ± 0.1]
0.063 ± 0.008
[1.60 ± 0.2]
0.098 ± 0.004
[2.50 ± 0.1]
W
A
L
S
B
H
C
DESCRIPTION
ISC-1008
10 μH
± 20 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
S
C
1
008
E
R
10
0
M
PRODUCT FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.


Similar Part No. - ISC1008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC1008ER100M VISHAY-ISC1008ER100M Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
More results

Similar Description - ISC1008

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ISC-1008 VISHAY-ISC-1008 Datasheet
288Kb / 2P
Surface Mount Wirewound Shielded Inductor
12-May-05
ISC-1008 VISHAY-ISC-1008_06 Datasheet
399Kb / 3P
Surface Mount Wirewound Shielded Inductor
10-Aug-06
IMC-0402-01 VISHAY-IMC-0402-01 Datasheet
154Kb / 3P
Surface Mount Inductor, Wirewound
27-Oct-08
IMC-0603-01 VISHAY-IMC-0603-01 Datasheet
143Kb / 3P
Surface Mount Inductor, Wirewound
27-Oct-08
ISC1812ER121K VISHAY-ISC1812ER121K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
logo
Bourns Electronic Solut...
CMH322522 BOURNS-CMH322522 Datasheet
192Kb / 2P
Shielded Wirewound Chip Inductor
logo
Vishay Siliconix
ISC1812ES101K VISHAY-ISC1812ES101K Datasheet
81Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
11-Dec-12
ISC-1008 VISHAY-ISC-1008_17 Datasheet
129Kb / 3P
Wirewound, Surface Mount, Shielded Inductor
10-Aug-06
ISC-1210 VISHAY-ISC-1210_17 Datasheet
80Kb / 2P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
ISC-1812 VISHAY-ISC-1812_17 Datasheet
94Kb / 3P
Wirewound, Surface Mount, Molded, Shielded Inductors
02-Jun-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com