Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC1008 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ISC1008
Description  Wirewound, Surface Mount, Shielded Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ISC1008 Datasheet(HTML) 2 Page - Vishay Siliconix

  ISC1008 Datasheet HTML 1Page - Vishay Siliconix ISC1008 Datasheet HTML 2Page - Vishay Siliconix ISC1008 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
For technical questions, contact: magnetics@vishay.com
Document Number: 34173
144
Revision: 10-Aug-06
ISC-1008
Vishay Dale
Wirewound, Surface Mount,
Shielded Inductor
PERFORMANCE GRAPHS ISC-1008
TAPE AND REEL SPECIFICATIONS in inches [millimeters]
MODEL
UNITS PER REEL
MODEL
A
B
T
ISC-1008
750
ISC-1008
0.150 [3.8]
0.157 [4.0]
0.098 [2.5]
0
10
20
30
40
50
60
70
80
90
100
0.1
10
1
100
FREQUENCY (MHz)
1000 µH
1 µH
10 µH
100 µH
Q vs. FREQUENCY
0
1
10
100
1000
10 000
10
0.01
0.1
1
100
FREQUENCY (MHz)
1000 µH
100 µH
10 µH
1 µH
INDUCTANCE vs. FREQUENCY
0.08 ± 0.02
[2.0 ± 0.5]
0.098 ± 0.02
[2.5 ± 0.5]
0.472 ± 0.04
[12.0 ± 1.0]
7.0 ± 0.08
[178.0 ± 2.0]
0.51 ± 0.02
[13.0 ± 0.5]
Ø
0.83 ± 0.03
[21.0 ± 0.8]
Ø
REEL DIMENSIONS
TAPE DIMENSIONS
0.472 ± 0.008
[12.0 ± 0.2]
0.158 ± 0.004
[4.0 ± 0.1]
0.08 ± 0.002
[2.0 ± 0.05]
0.07 ± 0.002
[1.75 ± 0.05]
0.1 ± 0.002
[0.3 ± 0.05]
0.315 ± 0.004
[8.0 ± 0.1]
B ± 0.004
[± 0.1]
A ± 0.004
[± 0.1]
± 0.002
[± 0.05]
0.217 ± 0.002
[5.5 ± 0.05]
T



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com