Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA228 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA228 Datasheet HTML 28Page - Texas Instruments INA228 Datasheet HTML 29Page - Texas Instruments INA228 Datasheet HTML 30Page - Texas Instruments INA228 Datasheet HTML 31Page - Texas Instruments INA228 Datasheet HTML 32Page - Texas Instruments INA228 Datasheet HTML 33Page - Texas Instruments INA228 Datasheet HTML 34Page - Texas Instruments INA228 Datasheet HTML 35Page - Texas Instruments INA228 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Device Measurement Range and Resolution
The INA228-Q1 device supports two input ranges for the shunt voltage measurement. The supported full scale
differential input across the IN+ and IN– pins can be either ±163.84 mV or ±40.96 mV depending on the
ADCRANGE bit in CONFIG register. The range for the bus voltage measurement is from 0 V to 85 V. The
internal die temperature sensor range extends from –256 °C to +256 °C but is limited by the package to –40 °C
to 125 °C.
Table 8-1 provides a description of full scale voltage on shunt, bus, and temperature measurements, along with
their associated step size.
Table 8-1. ADC Full Scale Values
PARAMETER
FULL SCALE VALUE
RESOLUTION
Shunt voltage
±163.84 mV (ADCRANGE = 0)
312.5 nV/LSB
±40.96 mV (ADCRANGE = 1)
78.125 nV/LSB
Bus voltage
0 V to 85 V
195.3125 µV/LSB
Temperature
–40 °C to +125 °C
7.8125 m°C/LSB
The device shunt voltage measurements, bus voltage, and temperature measurements can be read through the
VSHUNT, VBUS, and DIETEMP registers, respectively. The digital output in VSHUNT and VBUS registers is
20-bits. The shunt voltage measurement can be positive or negative due to bidirectional currents in the system;
therefore the data value in VSHUNT can be positive or negative. The VBUS data value is always positive. The
output data can be directly converted into voltage by multiplying the digital value by its respective resolution size.
The digital output in the DIETEMP register is 16-bit and can be directly converted to °C by multiplying by the
above resolution size. This output value can also be positive or negative.
Furthermore, the device provides the flexibility to report calculated current in Amperes, power in Watts, charge in
Coulombs and energy in Joules as described in Section 8.1.2.
8.1.2 Current , Power, Energy, and Charge Calculations
For the INA228-Q1 device to report current values in Ampere units, a constant conversion value must be written
in the SHUNT_CAL register that is dependent on the maximum measured current and the shunt resistance used
in the application. The SHUNT_CAL register is calculated based on Equation 2. The term CURRENT_LSB is the
LSB step size for the CURRENT register where the current in Amperes is stored. The value of CURRENT_LSB
is based on the maximum expected current as shown in Equation 3, and it directly defines the resolution of the
CURRENT register. While the smallest CURRENT_LSB value yields highest resolution, it is common to select a
higher round-number (no higher than 8x) value for the CURRENT_LSB in order to simplify the conversion of the
CURRENT.
INA228-Q1
SLYS022A – JUNE 2020 – REVISED JUNE 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA228-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com