Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA228 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # INA228
Description  INA228-Q1 AEC-Q100, 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA228 Datasheet(HTML) 39 Page - Texas Instruments

Back Button INA228 Datasheet HTML 35Page - Texas Instruments INA228 Datasheet HTML 36Page - Texas Instruments INA228 Datasheet HTML 37Page - Texas Instruments INA228 Datasheet HTML 38Page - Texas Instruments INA228 Datasheet HTML 39Page - Texas Instruments INA228 Datasheet HTML 40Page - Texas Instruments INA228 Datasheet HTML 41Page - Texas Instruments INA228 Datasheet HTML 42Page - Texas Instruments INA228 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
When setting the power over-limit value, the LSB size used to calculate the value needed in the limit registers
will be 256 times greater than the power LSB. This is because the power register is a 24 bits in length while the
power fault limit register is 16 bits.
Values stored in the alert limit registers are set to the default values after VS power cycle events and need to be
reprogrammed each time power is applied.
8.2.2.5 Calculate Returned Values
Parametric values are calculated by multiplying the returned value by the LSB value. Table 8-4 below shows the
returned values for this application example assuming the design requirements shown in Table 8-3.
Table 8-4. Calculating Returned Values
PARAMETER
Returned Value
LSB Value
Calculated Value
Shunt voltage (V)
311040d
312.5 nV/LSB
0.0972 V
Current (A)
314572d
10 A/ 219 = 19.073486 µA/LSB
6 A
Bus voltage (V)
245760d
195.3125 µV/LSB
48 V
Power (W)
4718604d
Current LSB x 3.2 = 61.035156 µW/LSB
288 W
Energy (J)
1061683200d
Power LSB x 16 = 976.5625 µJ/LSB
1036800 J
Charge (C)
1132462080d
Current LSB = 19.073486 µC/LSB
21600 C
Temperature (°C)
3200d
7.8125 m°C/LSB
25°C
Shunt Voltage, Current, Bus Voltage (positive only), Charge, and Temperature return values in two's complement
format. In two's complement format a negative value in binary is represented by having a 1 in the most
significant bit of the returned value. These values can be converted to decimal by first inverting all the bits
and adding 1 to obtain the unsigned binary value. This value should then be converted to decimal with the
negative sign applied. For example, assume a shunt voltage reading returns 1011 0100 0001 0000 0000. This is
a negative value due to the MSB having a value of one. Inverting the bits and adding one results in 0100 1011
1111 0000 0000 (311040d) which from the shunt voltage example in Table 8-4 correlates to a voltage of 97.2 mV.
Since the returned value was negative the measured shunt voltage value is -97.2 mV.
8.2.3 Application Curves
Figure 8-3 and Figure 8-4 show the ALERT pin response to a bus overvoltage fault with a conversion time of
50 μs, averaging set to 1, and the SLOWALERT bit set to 0 for bus only conversions. For these scope shots,
persistence was enabled on the ALERT channel to show the variation in the alert response for many sequential
fault events. If the magnitude of the fault is sufficient the ALERT response can be as fast as one quarter of the
ADC conversion time as shown in Figure 8-3. For fault conditions that are just exceeding the limit threshold,
the response time for the ALERT pin can vary from approximately 0.5 to 1.5 conversion cycles as shown in
Figure 8-4. Variation in the alert response exists because the external fault event is not synchronized to the
internal ADC conversion start. Also the ADC is constantly sampling to get a result, so the response time for fault
events starting from zero will slower than fault events starting from values near the set fault threshold. Since the
timing of the alert can be difficult to predict, applications where the alert timing is critical should assume a alert
response equal to 1.5 times the ADC conversion time for bus voltage or shunt voltage only conversions.
www.ti.com
INA228-Q1
SLYS022A – JUNE 2020 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: INA228-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com