Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA254 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA254
Description  INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA254 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA254 Datasheet HTML 9Page - Texas Instruments INA254 Datasheet HTML 10Page - Texas Instruments INA254 Datasheet HTML 11Page - Texas Instruments INA254 Datasheet HTML 12Page - Texas Instruments INA254 Datasheet HTML 13Page - Texas Instruments INA254 Datasheet HTML 14Page - Texas Instruments INA254 Datasheet HTML 15Page - Texas Instruments INA254 Datasheet HTML 16Page - Texas Instruments INA254 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The INA254 measures the voltage developed as current flows across the integrated low inductive current-
sensing resistor. The device provides reference pins to configure operation as either unidirectional or
bidirectional output swing. When using the INA254 for inline motor current sense or measuring current in an
H-bridge, the device is commonly configured for bidirectional operation.
9.1.1 Input Filtering
Note
Input filters are not required for accurate measurements using the INA254. For most accurate results,
do not use filters at the IN+ and IN– inputs. However, If filter components are used on the input of the
amplifier, follow the guidelines in this section to minimize effects on performance.
Based strictly on user design requirements, external filtering of the current signal may be desired. The initial
location that can be considered for the filter is at the output of the current amplifier. Although placing the filter
at the output satisfies the filtering requirements, this location changes the low output impedance measured by
any circuitry connected to the output voltage pin. The other location for filter placement is at the current amplifier
input pins. This location also satisfies the filtering requirement, but carefully select the components to minimize
the impact on device performance. Figure 9-1 shows a filter placed at the inputs pins.
+
–
REF2
REF1
VS
GND
OUT
PWM
Rejection
IS+
IS–
IN+
IN–
SH+
SH–
400 µ
50 k
50 k
Figure 9-1. Filter at Input Pins
External series resistance provides a source of additional measurement error. Therefore, keep the value of these
series resistors to 10 Ω or less to reduce loss of accuracy. The internal bias network shown in Figure 9-1 creates
a mismatch in input bias currents when a differential voltage is applied between the input pins (see Figure 9-2).
If additional external series filter resistors are added to the circuit, a mismatch is created in the voltage drop
across the filter resistors. This voltage is a differential error voltage in the shunt resistor voltage. In addition to the
absolute resistor value, mismatch resulting from resistor tolerance can significantly impact the error because this
value is calculated based on the actual measured resistance.
www.ti.com
INA254
SLOS974 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com