Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA254 Datasheet(PDF) 16 Page - Texas Instruments

Part # INA254
Description  INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA254 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA254 Datasheet HTML 12Page - Texas Instruments INA254 Datasheet HTML 13Page - Texas Instruments INA254 Datasheet HTML 14Page - Texas Instruments INA254 Datasheet HTML 15Page - Texas Instruments INA254 Datasheet HTML 16Page - Texas Instruments INA254 Datasheet HTML 17Page - Texas Instruments INA254 Datasheet HTML 18Page - Texas Instruments INA254 Datasheet HTML 19Page - Texas Instruments INA254 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
9.2.1.3 Application Curve
Figure 9-4 shows the typical example output response of a speaker with 4-Ω impedance measurement from 20
Hz to 20 kHz.
Re
Impedance at
Resonance
Inductive Rise
(Le)
Frequency (hZ)
20
100
500
1000
10000
20000
4
12
16
20
24
28
Figure 9-4. Speaker Impedance Measurement
10 Power Supply Recommendations
The INA254 makes accurate measurements beyond the connected power-supply voltage (VS) because the
inputs (IN+ and IN–) operate anywhere between –4 V and +80 V, independent of VS. For example, the VS
power supply equals 5 V and the common-mode voltage of the measured shunt can be as high as 80 V.
Although the common-mode voltage of the input can be beyond the supply voltage, the output voltage range of
the INA254 is constrained to the supply voltage.
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended
value of this bypass capacitor is 0.1 μF. Additional decoupling capacitance can be added to compensate for
noisy or high-impedance power supplies. If the INA254 output is set to mid-supply, then take extreme care to
minimize noise on the power supply.
INA254
SLOS974 – JUNE 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com