Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
7.7 Typical Characteristics
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, and G = 1/2 (unless otherwise
noted)
Offset Voltage (PV)
0
10%
20%
30%
40%
50%
-40
40
-32
-24
-16
-8
0
8
16
24
32
N = 470
Mean = 0.82 μV
Std. Dev. = 2.91 μV
G = 1/2
VS = ±2.25 V
VCM = –3 V
Figure 7-1. Typical Distribution of Offset Voltage (RTO)
Offset Voltage (PV)
0
10%
20%
30%
40%
50%
-80
80
-60
-40
-20
0
20
40
60
N = 470
Mean = 1.64 μV
Std. Dev. = 5.82 μV
G = 2
VS = ±2.25 V
VCM = –3 V
Figure 7-2. Typical Distribution of Offset Voltage (RTO)
Offset Voltage (PV)
0
5%
10%
15%
20%
-40
40
-32
-24
-16
-8
0
8
16
24
32
N = 470
Mean = –5.22 μV
Std. Dev. = 8.38 μV
G = 1/2
VS = ±18 V
Figure 7-3. Typical Distribution of Offset Voltage (RTO)
Offset Voltage (PV)
0
5%
10%
15%
20%
-80
80
-60
-40
-20
0
20
40
60
N = 470
Mean = –10.43 μV Std. Dev. = 16.77 μV
G = 2
VS = ±18 V
Figure 7-4. Typical Distribution of Offset Voltage (RTO)
Offset Voltage Drift (PV/qC)
0
5%
10%
15%
20%
25%
30%
-2
2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
N = 30
Mean = –0.075 μV/°C
Std. Dev. = 0.502 μV/°C
G = 1/2
Figure 7-5. Typical Distribution of Offset Voltage Drift (RTO)
Offset Voltage Drift (PV/qC)
0
5%
10%
15%
20%
25%
30%
35%
-4
4
-3.2
-2.4
-1.6
-0.8
0
0.8
1.6
2.4
3.2
N = 30
Mean = –0.325 μV/°C
Std. Dev. = 0.887 μV/°C
G = 2
Figure 7-6. Typical Distribution of Offset Voltage Drift (RTO)
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com