Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
8 Detailed Description
8.1 Overview
The INA592 consists of a high precision, e-trim™ op amp and four trimmed resistors. These resistors can be
connected to make a wide variety of amplifier configurations, including difference, noninverting, and inverting
configurations. Using the on-chip resistors of the INA592 provides the designer with several advantages over a
discrete design. The INA59 also includes internal compensation capacitors, as shown in Section 8.2.
8.2 Functional Block Diagram
V+
V±
REF
6 k
12 k
6 k
12 k
OUT
+IN
±IN
+
±
SENSE
16 pF
16 pF
V±
INA592
8.3 Feature Description
Much of the dc performance of op amp circuits depends on the accuracy of the surrounding resistors. The
resistors on the INA592 are laid out to be tightly matched. The resistors of each part are matched on-chip and
tested for their matching accuracy. As a result of this trimming and testing, the INA592 provides high accuracy
for specifications such as gain drift, common-mode rejection, and gain error.
8.4 Device Functional Modes
The INA592 can measure voltages beyond the rails. For the G = ½ and G = 2 difference amplifier configurations,
see the input voltage range in Section 7.5 and Section 7.6 for details. The INA592 can be configured in several
ways; see Figure 9-5 to Figure 9-9. These configurations rely on the internal, matched resistors,; therefore all of
these configurations have excellent gain accuracy and gain drift.
www.ti.com
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com