Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA592IDRCR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA592IDRCR
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA592IDRCR Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA592IDRCR Datasheet HTML 8Page - Texas Instruments INA592IDRCR Datasheet HTML 9Page - Texas Instruments INA592IDRCR Datasheet HTML 10Page - Texas Instruments INA592IDRCR Datasheet HTML 11Page - Texas Instruments INA592IDRCR Datasheet HTML 12Page - Texas Instruments INA592IDRCR Datasheet HTML 13Page - Texas Instruments INA592IDRCR Datasheet HTML 14Page - Texas Instruments INA592IDRCR Datasheet HTML 15Page - Texas Instruments INA592IDRCR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
7.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, and G = 1/2 (unless otherwise
noted)
VCM ( V )
-60
-40
-20
0
20
40
60
-1500
-1000
-500
0
500
1000
1500
2000
2500
3000
3500
-40qC
25qC
125 qC
G = 1/2
Figure 7-13. Input Bias Current vs Common Mode Voltage
VCM ( V )
-30 -25 -20 -15 -10
-5
0
5
10
15
20
25
30
-1500
-1000
-500
0
500
1000
1500
2000
2500
3000
3500
-40qC
25qC
125qC
G = 2
Figure 7-14. Input Bias Current vs Common Mode Voltage
Common-mode Rejection Ratio (PV/V)
0
5%
10%
15%
20%
25%
30%
-40
40
-32
-24
-16
-8
0
8
16
24
32
N = 470
Mean = 6.01 μV/V
Std. Dev. = 4.85 μV/V
G = 1/2
VS = ±2.25 V
Figure 7-15. Typical CMRR Distribution
Common-mode Rejection Ratio (PV/V)
0
5%
10%
15%
20%
25%
30%
-80
80
-60
-40
-20
0
20
40
60
N = 470
Mean = –6.22 μV/V
Std. Dev. = 10.74 μV/V
G = 2
VS = ±2.25 V
Figure 7-16. Typical CMRR Distribution
Common-mode Rejection Ratio (PV/V)
0
10%
20%
30%
40%
-40
40
-32
-24
-16
-8
0
8
16
24
32
N = 470
Mean = 4.86 μV/V
Std. Dev. = 4.75 μV/V
G = 1/2
VS = ±18 V
Figure 7-17. Typical CMRR Distribution
Common-mode Rejection Ratio (PV/V)
0
5%
10%
15%
20%
25%
30%
-80
80
-60
-40
-20
0
20
40
60
N = 470
Mean = –8.64 μV/V
Std. Dev. = 9.70 μV/V
G = 2
VS = ±18 V
Figure 7-18. Typical CMRR Distribution
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com