Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA592IDRCR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA592IDRCR
Description  INA592 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA592IDRCR Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA592IDRCR Datasheet HTML 9Page - Texas Instruments INA592IDRCR Datasheet HTML 10Page - Texas Instruments INA592IDRCR Datasheet HTML 11Page - Texas Instruments INA592IDRCR Datasheet HTML 12Page - Texas Instruments INA592IDRCR Datasheet HTML 13Page - Texas Instruments INA592IDRCR Datasheet HTML 14Page - Texas Instruments INA592IDRCR Datasheet HTML 15Page - Texas Instruments INA592IDRCR Datasheet HTML 16Page - Texas Instruments INA592IDRCR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
7.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, and G = 1/2 (unless otherwise
noted)
Temperature ( C )
-40
-20
0
20
40
60
80
100
120
140
-30
-27.5
-25
-22.5
-20
-17.5
-15
-12.5
-10
-7.5
-5
G = 1/2
24 Units
Figure 7-19. CMRR vs Temperature
Temperature ( C )
-40
-20
0
20
40
60
80
100
120
140
-15
-10
-5
0
5
10
15
20
25
30
35
G = 2
24 Units
Figure 7-20. CMRR vs Temperature
Frequency (Hz)
20
40
60
80
100
120
100m
1
10
100
1k
10k
100k
1M
10M
D001
G=1/2
G=2
G = 1/2 and G = 2
Figure 7-21. Common-Mode Rejection Ratio vs Frequency,
Referred to Input
Frequency (Hz)
0
5
10
15
20
25
30
35
40
1
10
100
1k
10k
100k
1M
10M
Vs=r18 V
Vs=r4 V
Figure 7-22. Maximum Output Voltage vs Frequency
Temperature ( C )
-40
-20
0
20
40
60
80
100
120
140
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
G = 1/2
24 Units
Figure 7-23. PSRR vs Temperature
Temperature ( C )
-40
-20
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
G = 2
24 Units
Figure 7-24. PSRR vs Temperature
www.ti.com
INA592
SBOS914F – OCTOBER 2018 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com