Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3425 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # REF3425
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3425 Datasheet(HTML) 11 Page - Texas Instruments

Back Button REF3425 Datasheet HTML 7Page - Texas Instruments REF3425 Datasheet HTML 8Page - Texas Instruments REF3425 Datasheet HTML 9Page - Texas Instruments REF3425 Datasheet HTML 10Page - Texas Instruments REF3425 Datasheet HTML 11Page - Texas Instruments REF3425 Datasheet HTML 12Page - Texas Instruments REF3425 Datasheet HTML 13Page - Texas Instruments REF3425 Datasheet HTML 14Page - Texas Instruments REF3425 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VIN = VEN = 12 V, IL = 0 mA, CL = 10 µF, CIN = 0.1 µF (unless otherwise noted)
250µs/div
10mA/div
20mV/div
ILOAD
VOUT
+10mA
-10mA
+10mA
(CL = 10µF, IOUT = 10mA)
D010
Figure 7-13. Load Transient
250µs/div
4V/div
15mV/div
VIN
VOUT
(CL = 1µF)
D011
Figure 7-14. Line Transient
250µs/div
4V/div
5mV/div
VIN
VOUT
(CL = 10µF)
D011
Figure 7-15. Line Transient
Temperature (°C)
-40
-15
10
35
60
85
110 125
2
2.1
2.2
2.3
2.4
2.5
2.6
D013
Figure 7-16. Quiescent Current Shutdown Mode
Thermal Hysteresis - Cycle 1 (ppm)
0
5%
10%
15%
20%
25%
30%
D016
Figure 7-17. Thermal Hysteresis Distribution (Cycle 1)
Thermal Hysteresis - Cycle 2 (ppm)
0
5%
10%
15%
20%
25%
30%
D016
Figure 7-18. Thermal Hysteresis Distribution (Cycle 2)
www.ti.com
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com