Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3425 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # REF3425
Description  REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF3425 Datasheet(HTML) 22 Page - Texas Instruments

Back Button REF3425 Datasheet HTML 18Page - Texas Instruments REF3425 Datasheet HTML 19Page - Texas Instruments REF3425 Datasheet HTML 20Page - Texas Instruments REF3425 Datasheet HTML 21Page - Texas Instruments REF3425 Datasheet HTML 22Page - Texas Instruments REF3425 Datasheet HTML 23Page - Texas Instruments REF3425 Datasheet HTML 24Page - Texas Instruments REF3425 Datasheet HTML 25Page - Texas Instruments REF3425 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
11 Power Supply Recommendations
The REF34xx family of references feature an extremely low-dropout voltage. These references can be operated
with a supply of only 50 mV above the output voltage. TI recommends a supply bypass capacitor ranging
between 0.1 µF to 10 µF.
12 Layout
12.1 Layout Guidelines
Figure 12-1 illustrates an example of a PCB layout for a data acquisition system using the REF34xx. Some key
considerations are:
• Connect low-ESR, 0.1-μF ceramic bypass capacitors at IN, OUT_F, VOUT of the REF34xx and REF34xxT.
• Decouple other active devices in the system per the device specifications.
• Using a solid ground plane helps distribute heat and reduces electromagnetic interference (EMI) noise
pickup.
• Place the external components as close to the device as possible. This configuration prevents parasitic errors
(such as the Seebeck effect) from occurring.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when absolutely necessary.
12.2 Layout Example
1
6
2
3
4
GND_F
GND_S
EN
OUT_F
IN
REF34XX
C
5 OUT_S
Figure 12-1. REF34xx Layout Example
1
6
2
3
4
NC
GND
NC
VOUT
IN
REF34XXT
5
NC
C
C
Figure 12-2. REF34xxT Layout Example
REF3425, REF3430, REF3433, REF3440, REF3450
SBAS804F – SEPTEMBER 2017 – REVISED JUNE 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: REF3425 REF3430 REF3433 REF3440 REF3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com